Selected language     English  ▼


X-10G-B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part No. X-10G-B
Description  Common Accessories
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

   
 2 page
background image
178
Z/A/X/DZ Common Accessories
Dimensions
Note: Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm (±0.8 mm for the AP-Z) applies to all dimensions.
■ Terminal Covers
■ Separator
52.8
25.4
8
6.4
16.3
21
8
2.15R
4.3+0.2
0
4.3+0.2
0
AP-A
Soldering Terminal Use
(Phenol Resin)
Note: The Cover has five thin, easy-to-separate
portions for easy lead wire connections.
53.8
25.4
8
6.5
20.2
21
8
2.15R
4.3+0.2
0
4.3+0.2
0
AP-B
Screw Terminal Use
(Phenol Resin)
Note: The Cover has six thin, easy-to-separate
portions for easy lead wire connections.
54.4
25.4
8
7.2
17.1
22.6
8.5
2.15R
4.3+0.2
0
4.3+0.2
0
AP1-A
Soldering Terminal Use
(Metal Press Mold)
Note: 1. The Cover has five holes for easy lead wire connections.
2. AP1-A should be used with the AP-A
55.4
25.4
8
7
21
22.6
8.5
2.15R
4.3+0.2
0
4.3+0.2
0
AP1-B
Screw Terminal Use
(Metal Press Mold)
Note: 1. The Cover has six holes for easy lead wire connections.
2. AP1-B should be used with the AP-B
14
21
53
25.4
21
39
46
7
12
12
14
A'
B'
A
B
Pressure plate
(t1 steel)
Two, 4.2 dia.
M3
20 Phillips screw
(with plane washer and nut)
Nut
15
13
A-A' cross-section
B-B' cross-section
8 dia.
6 dia.
Note: A 6-dia. or 8-dia. cable can be
used by cutting the cable pull-out
hole to the size of the cable to be
used.
Cable Pull-out Dimension
AP-Z
Soldering or Screw Terminal Use
(Vinyl Chloride)
25.4
±0.2
11.9
27
13.5
49.2
±0.5
Two, 4.5 dia.
t = 0.38
Note: The separator’s material is EAVTC (Epoxide Alkyd
Varnished Tetron Cloth) and its heat-resisting
temperature is 130
°C.
SEPARATOR FOR Z




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl