Selected language     English  Ôľ╝


Z-10FW1Y55-BC Datasheet(PDF) 4 Page - Omron Electronics LLC

Part No. Z-10FW1Y55-BC
Description  Common Accessories
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

   
 4 page
background image
180
Z/A/X/DZ Common Accessories
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
┬▒ 0.4 mm applies to all dimensions.
2. These Actuators are not provided with Switches.
Note: Except for the ZAQ-22, these actuators (panel mount plungers) can be used with standard pin plunger versions of the Z and X models.
(Z-15G(-B), Z-15E(-B), X-10G(-B))
23.3
Two M4 nuts
7.9 dia.
(Note 2)
(Note 3)
12SR
(Note 1)
14.5
dia.
2 t 15.6 width
across flats
2 t 14 width across
flats
M12 1 mounting
screw
Two M4 25
┬▒ round
head screw
Short Panel Mount Plunger
ZAQ-3
Note: 1. Stainless-steel pin plunger
2. Bronze frame
3. Incomplete screw section part
with a maximum of 1.5 mm
Model
ZAQ-3
Z-15E-B
X-10G-B
OF max.
RF min.
PT max.
OT min.
MD max.
850 gf
114 gf
0.8 mm
4.8 mm
0.15 mm
550 gf
114gf
1 mm
4.5 mm
0.2 mm
OP
27.8
┬▒1.5 mm
23.3
7.9 dia.
(Note 2)
(Note 3)
Two M4 nuts
12SR
(Note 1)
14.5
dia.
M12 1 mounting
screw
2 t 14 width across
flats
2 t 15.6 width
across flats
Two M4 25
screw
Medium Panel Mount Plunger
ZAQ-2
Note: 1. Stainless-steel pin plunger
2. Bronze frame
3. Incomplete screw section part
with a maximum of 1.5 mm
Model
ZAQ-2
Z-15E-B
X-10G-B
OF max.
RF min.
PT max.
OT min.
MD max.
850 gf
114 gf
0.8 mm
4.8 mm
0.15 mm
550 gf
114 gf
1 mm
4.5 mm
0.2 mm
OP
53.2
┬▒1.5 mm
23.3
7.9 dia.
(Note 2)
(Note 3)
Two, M4 25 screws
Two, M4 nuts
12SR
(Note 1)
14.5
dia.
M12 1 mounting
screw
2 t 14 width across
flats
2 t 15.6 width
across flats
Long Panel Mount Plunger
ZAQ-1
Note: 1. Stainless-steel pin plunger
2. Bronze frame
3. Incomplete screw section part
with a maximum of 1.5 mm
Model
ZAQ-1
Z-15E-B
X-10G-B
OF max.
RF min.
PT max.
OT min.
MD max.
850 gf
114 gf
0.8 mm
20.6 mm
0.15 mm
550 gf
114 gf
1 mm
20.4 mm
0.2 mm
OP
69.1
┬▒1.5 mm




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl