Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CURC303-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CURC303-G
Description  SMD Ultra Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CURC303-G Datasheet(HTML) 1 Page - Comchip Technology

  CURC303-G Datasheet HTML 1Page - Comchip Technology CURC303-G Datasheet HTML 2Page - Comchip Technology CURC303-G Datasheet HTML 3Page - Comchip Technology CURC303-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Ultra Fast Recovery Rectifiers
Reverse Voltage: 50 to 1000 Volts
Forward Current: 3.0 Amp
RoHS Device
Page 1
REV:B
Features
-Ideal for surface mount applications.
-Easy pick and place.
-Plastic package has Underwriters Lab.
flammability classification 94V-0.
-Fast recovery time: 50~75nS.
-Low leakage current.
Mechanical data
-Case: JEDEC DO-214AB, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.21 grams
CURC301-G Thru. CURC307-G
Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeter)
DO-214AB (SMC)
QW-BU004
CURC
301-G
2
Notes: 1. Thermal resistance from junction to lead mounted on P.C.B. with 8.0×8.0 mm square land area.
Comchip Technology CO., LTD.
Max. repetitive peak reverse voltage
Max. DC blocking voltage
Max. RMS voltage
Peak surge forward current, 8.3ms
single half sine-wave superimposed
on rate load (JEDEC method)
Max. average forward current
Max. instantaneous forward
at
3.0A
Reverse recovery time
O
Max. DC reverse current at
TA=25
C
O
rated DC blocking voltage
TA=125
C
Max. thermal resistance (Note 1)
Max. operating junction temperature
Storage temperature
voltage
CURC
302-G
CURC
303-G
CURC
304-G
CURC
305-G
Units
Symbol
Parameter
VRRM
VDC
VRMS
IFSM
IO
VF
Trr
IR
RθJL
TJ
TSTG
50
50
35
100
100
70
1.0
200
200
140
400
400
280
100
3.0
1.3
5.0
150
20
150
-55 to +150
600
600
420
V
V
V
A
A
V
nS
μA
OC/W
OC
OC
CURC
306-G
CURC
307-G
800
800
560
1.7
75
1000
1000
700
50
0.245(6.22)
0.220(5.59)
0.126(3.20)
0.114(2.90)
0.320(8.13)
0.305(7.75)
0.012(0.305)
0.006(0.152)
0.008(0.203)Max
0.060(1.52)
0.030(0.76)
0.103(2.62)
0.079(2.06)
0.280(7.11)
0.260(6.60)


Similar Part No. - CURC303-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CURC303-G COMCHIP-CURC303-G Datasheet
50Kb / 2P
   SMD Ultra Fast Recovery Rectifiers
More results

Similar Description - CURC303-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CURC301-G COMCHIP-CURC301-G Datasheet
50Kb / 2P
   SMD Ultra Fast Recovery Rectifiers
CURA101-G COMCHIP-CURA101-G_12 Datasheet
63Kb / 2P
   SMD Ultra Fast Recovery Rectifiers
CURNM101-HF COMCHIP-CURNM101-HF Datasheet
237Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURM101-G COMCHIP-CURM101-G_12 Datasheet
99Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURB201-G COMCHIP-CURB201-G Datasheet
50Kb / 2P
   SMD Ultra Fast Recovery Rectifiers
CURA101-HF COMCHIP-CURA101-HF Datasheet
108Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURNM101-HF COMCHIP-CURNM101-HF Datasheet
237Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
logo
Marl International Limi...
CURNM101 MARL-CURNM101_15 Datasheet
237Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
logo
Comchip Technology
ACURN101-HF COMCHIP-ACURN101-HF Datasheet
133Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURC301-HF COMCHIP-CURC301-HF Datasheet
105Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com