Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZRA4731-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRA4731-HF
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRA4731-HF Datasheet(HTML) 1 Page - Comchip Technology

  CZRA4731-HF Datasheet HTML 1Page - Comchip Technology CZRA4731-HF Datasheet HTML 2Page - Comchip Technology CZRA4731-HF Datasheet HTML 3Page - Comchip Technology CZRA4731-HF Datasheet HTML 4Page - Comchip Technology CZRA4731-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Zener Diode
Voltage: 3.3 to 43 Volts
Power: 1.0 Watts
RoHS Device
Page 1
REV:A
SMD Diodes Specialist
Features
-Glass pasisivated chip junction.
-Typical IR less than 0.5µA above 11V.
-Low inductance.
Mechanical data
-Epoxy: UL94-V0 rated flame retardant.
-Terminals: Solder Plated,solderable per
MIL-STD-750,method 2026.
-Polarity: Indicated by Cathode band.
-Mounting position: Any.
-Weight: 0.05 gram(approx.).
CZRA4728-HF Thru. CZRA4755-HF
Maximum Rating And Electrical Characteristics
(TA=25°C, unless otherwise noted)
Dimensions in inches and (millimeter)
DO-214AC/SMA
QW-JZ003
-Batch process design, excellent power dissipation
offers better reverse leakage current and thermal
resistance.
-Standard zener voltage tolerance ±5%.
Halogen Free
-Case: Molded plastic, JEDEC DO-214AC/
.
SMA
Condition
Forward voltage
Power Dissipation
Peak surge forward current
Thermal resistance
MIN.
TYP.
MAX.
Units
Parameter
IF =200 mA DC
100
100
110
-65
1.20
1000
V
V
A
°C/W
°C
Symbol
VF
PD
IFSM
RθJC
RθJA
TJ
8.3ms single half sine-wave
superimposed on rate load
(JEDEC method)
Junction to case
Junction to ambient
Operating temperature
-55
°C
TJ
Storge temperature
+150
+175
°C/W
0.106(2.7)
0.091(2.3)
0.012(0.3) Typ.
0.180(4.4)
0.196(4.9)
0.068(1.7)
0.060(1.5)
0.032(0.8)Typ.
0.032(0.8)Typ.


Similar Part No. - CZRA4731-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRA4731-G COMCHIP-CZRA4731-G Datasheet
96Kb / 3P
   SMD Zener Diode
More results

Similar Description - CZRA4731-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com