Selected language     English  ▼


8-1415029-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 8-1415029-1
Description  Miniature Power PCB Relay PB
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
Miniature Power PCB Relay PB
n
1pole 10A, 1 form C (CO) or 1 form A (NO)
n
Environmentally-friendly cadmium-free contacts
n
Class F coil system standard
n
Compact and simple design gives high process security
n
Product in accordance to IEC 60335-1
Typical applications
White goods, small home appliances, heating temperature controllers
Approvals
VDE REG.-Nr. 121560, UL E214025
Technical data of approved types on request
Contact Data
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
10A
Limiting making current, max 4 s, duty factor 10% 15A
Breaking capacity max.
2500VA
Contact material
AgNi 90/10, AgSnO2
Frequency of operation, with/without load
360/36000h-1
Operate/release time max.
10/20ms
Bounce time max., form A/form B
10/15ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
PB114; PB113
A/B (NO/NC) 10A/3A, 250VAC, cos
φ=1, 85°C 30x103
PB114
A of C
10A, 250VAC, cos
φ=1, 85°C
30x103
PB134; PB133
A (NO)
10A, 250VAC, cos
φ=1, 85°C
20x103
PB134
A (NO)
6.5A, 440VAC, cos
φ=1, 85°C
50x103
PB634
A (NO)
8.5A, 250VAC, cos
φ=1, 85°C
100x103
PB634
A (NO)
10A, 250VAC, cos
φ=1, 85°C
60x103
UL 508
PB1x4
A (NO)
10A, 250VAC, cos
φ=1, 85°C
20x103
Mechanical endurance, DC coil
5x106 operations
Coil Data
PB1
PB5
PB6
Coil voltage range
5 to 48 VDC 5 to 24 VDC 5 to 24 VDC
Operative range, IEC 61810
2
2
2
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
Coil versions, DC-coil, 360mW
005
5
3.75
0.5
70
357
006
6
4.50
0.6
100
360
009
9
6.75
0.9
225
360
012
12
9.00
1.2
400
360
018
18
13.50
1.8
900
360
022
22
16.50
2.2
1344
360
024
24
18.00
2.4
1600
360
048
48
36.00
4.8
6400
360
Coil versions, DC-coil, 500mW
005
5
3.75
0.5
48
521
006
6
4.5
0.6
69
522
012
12
9
1.2
274
526
024
24
18
2.4
1097
525
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
2500Vrms
Clearance/creepage
between contact and coil
form C (CO) version
≥3/4mm
form A (NO) version
≥4/5mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250
F0224-C
Z
V




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl