Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZRA4750-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRA4750-HF
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRA4750-HF Datasheet(HTML) 3 Page - Comchip Technology

  CZRA4750-HF Datasheet HTML 1Page - Comchip Technology CZRA4750-HF Datasheet HTML 2Page - Comchip Technology CZRA4750-HF Datasheet HTML 3Page - Comchip Technology CZRA4750-HF Datasheet HTML 4Page - Comchip Technology CZRA4750-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Zener Diode
Page 3
SMD Diodes Specialist
REV:A
RATING AND CHARACTERISTIC CURVES (CZRA4728-HF Thru. CZRA4755-HF)
QW-JZ003
175
150
125
100
75
50
25
0
Lead length to heat sink, (Inches)
0
0.1 0.2 0.3 0.4 0.5 0.6
0.7 0.8 0.9 1.0
FIG 1A. Range for Units to 12 Volts
12
10
8
6
4
2
0
-2
-4
2
3
4
5
6
7
8
9
10
Zener Voltage, (V)
-4
-2
0
2
4
6
3
4
5
6
7
8
Zener Voltage, (V)
Note: Below 3V and above 8V changes
in Zener Voltage do not affect temperature
VZ@IZT
O
TA=25 C
20mA
1mA
0.01mA
FIG 3. Typical Thermal Resistance
Zener Current,(mA)
1
4
1
10
Nominal Vz, (V)
FIG 4. Effect of Zener Current
Range
VZ@IZT
11
12
Range
VZ@IZT
10
50
100
1
10
100
FIG 1B. Range for Units 12 to 100 Volts
Zener Voltage, (V)
FIG 2. Temperature Coefficients (-55°C to +150°C temperature change ; 90% of the units are in the ranges indicated.)
1
10
100
1000
IZ=1mA
IZ=5mA
IZ=20mA
TJ=25°C
IZ(ms)=0.1IZ(do)
f=60HZ
10
100
0V bias
1V bias
10
100
400
100
50% of breakdown
bias
Versus Lead


Similar Part No. - CZRA4750-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRA4750-G COMCHIP-CZRA4750-G Datasheet
96Kb / 3P
   SMD Zener Diode
More results

Similar Description - CZRA4750-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com