Selected language     English  ▼


4-1415541-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 4-1415541-1
Description  Miniature Power PCB Relay PB
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Miniature Power PCB Relay PB (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
version PB1, PB5
according EN60335, par.30
Ambient temperature, DC coil
-40 to +85°C
Category of environmental protection
IEC 61810
RTII - flux proof
Vibration resistance (functional), form A/form B, 30 to 400Hz
PB1, PB6
>10/4g
PB5
>10/6 g
Shock resistance (destructive)
>100g
Terminal type
PCB-THT
Weight
5.4g
Resistance to soldering heat THT
IEC 60068-2-20
270°C/10s
Packaging/unit
tube/35 pcs., box/1050 pcs.
PCB layout1) / terminal assignment
Bottom view on solder pins
Dimensions
S0407-AA
S0407-AB
S0406-A
S0407-AC
1) Layout note:
No openings (e.g. holes, slots, cutouts, unused pins, open through
connections, etc.) allowed under the relay base. The relay base must be
fully covered by the pcb, recommended minimum distance between the
relay and the edge of the printed circuit board is 5 mm.
For more information, please contact our application support.
Product code structure
Typical product code
PB
1
1
4
012
Type
PB Miniature Power PCB Relay PB
Version
1
Standard version
5
500 mW version
6
High performance version (form A version only)
Contact arrangement
1
1 form C contact (1 CO)
3
1 form A contact (1 NO)
Contact material
3
AgSnO2
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Product code
Version
Contacts
Contact material
Coil
Part number
PB114005
Standard
1 form C
AgNi 90/10
5VDC
6-1415029-1
PB114006
class F
1 CO contact
6VDC
7-1415029-1
PB114012
12VDC
8-1415029-1
PB114024
24VDC
9-1415029-1
PB134005
1 form A
5VDC
1415030-1
PB134006
1 NO contact
6VDC
1-1415030-1
PB134012
12VDC
2-1415030-1
PB134024
24VDC
3-1415030-1
PB514012
500 mW
1 form C
12VDC
2-1415538-5
PB514024
version
1 CO contact
24VDC
5-1415535-6
PB634005
High
1 form A
5VDC
3-1415541-8
PB634006
performance
1 NO contact
6VDC
3-1415541-9
PB634012
version
12VDC
4-1415541-1
PB634024
24VDC
4-1415541-2




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl