Selected language     English  ā–¼


4-1415037-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 4-1415037-1
Description  Accessories Industrial Power Relay RT / RP / SR2M
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
Accessories Industrial Power Relay RT / RP / SR2M
and similar design: pinnings 3.5mm / 5mm; relay heights 15.7 / 25.5mm
Accessories for RT 78 724, RT 78 726
Type
Part Number
RT 17 016
Plastic retaining clip, relay height 15.7 and 25.5 mm
1-1415038-1
RT 17 040
Marking tag
2-1415038-1
LED- and Protection Modules for RT 78 724, RT 78 726
Easy insertion of module into the socket
Wiring in parallel to the coil
Type
Part Number
PTM T0 0A0
Protection diode (A1+, A2-)
9-1415036-1
PTM T0 0L0
Protection diode (A1-, A2+)
0-1415037-1
PTM U0 524
RC-network 6...60 Vac
1-1415037-1
PTM U0 730
RC-network 110...230 Vac
2-1415037-1
PTM V0 524
Varistor 24 Vac
3-1415037-1
PTM V0 615
Varistor 115 Vac
6-1415365-1
PTM V0 730
Varistor 230 Vac
4-1415037-1
LED
PTM L0 524
red LED 6...24 Vdc/Vac
6-1415036-1
PTM G0 524
green LED 6...24 Vdc/Vac
3-1415036-1
PTM L0 024
red LED 6...24 Vdc w. prot.diode (A1+, A2-)
5-1415036-1
PTM G0 024
green LED 6...24 Vdc w. prot.diode (A1+, A2-)
2-1415036-1
PTM L1 024
red LED 6...24 Vdc w. prot. diode (A1-, A2+)
8-1415036-1
PTM L0 730
red LED 110...230 Vac
7-1415036-1
PTM G0 730
green LED 110...230 Vac
4-1415036-1
F0231-A
F0232-A
Marking tags
Ā· White marking area 15.5 x 6 mm
Ā· Snaps on socket in up to 4 positions
S0416-AC




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl