Selected language     English  ▼


7-1415036-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 7-1415036-1
Description  Accessories Industrial Power Relay RT / RP / SR2M
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
Accessories Industrial Power Relay RT / RP / SR2M
and similar design: pinnings 3.5mm / 5mm; relay heights 15.7 / 25.5mm
Features
· New retainer clip with ejection function
· Easy replacement of relays on a densely packed DIN rail
· High quality rising clamp terminals
· Captive combination terminal screws
· No reduction of protection class or creepage/clearance
with plastic retainer
· Simple plug-in indicator- and protection modules
· White snap-on tags
· Not suitable for bistable relays with 2 coils
Accessories for sockets:
· Rejector
· LED- and protection modules
· Marking tags
RT 78 724 Socket with screw-type terminals,
pinning 3.5 mm for DIN rail mounting
Z
Technical data
Rated current
12 A
Rated voltage
250 Vac
Insulation cat. (VDE 0110b)
C / 250 Vac
Ambient temperature
-25...85 °C
Protection category
IP 20
Wire cross section
2 x 2.5 mm2
with bootlace crimp
2 x 1.5 mm2
Terminal torque
0.5 Nm
max.
0.7 Nm
Packaging unit
10 pcs.
Socket with screw-type terminals for DIN rail mounting
F0228-A
F0229-A
S0416-AA
RT 78 726 Socket with screw-type terminals,
pinning 5 mm for DIN rail mounting
Z
Technical data
Rated current
1 pole
12 A *)
2 pole
2 x 12 A
Rated voltage
250 Vac
Insulation cat. (VDE 0110b)
C / 250 Vac
Ambient temperature
-25...85 °C
Protection category
IP 20
Wire cross section
2 x 2.5 mm2
with bootlace crimp
2 x 1.5 mm2
Terminal torque
0.5 Nm
max.
0.7 Nm
Packaging unit
10 pcs.
*) For 1 pole relays (16 A) the relay terminals
11-21, 12-22 and 14-24 have to be bridged
For 1 pole relays (12 A) the relay terminals 11-
12-14 have to be connected to the socket
terminals 21-12-24
F0230-A
S0416-AB
RT 78 724 and RT 78 726
· Logical setup of connections (input / output)
· Safe separation to VDE 0106
Dimensions in mm
Socket with screw-type terminals for DIN rail mounting
Type
Part Number
RT 78 724
Socket with screw-type terminals,
pinning 3.5 mm for DIN rail mounting
8-1415035-1
RT 78 726
Socket with screw-type terminals,
pinning 5 mm for DIN rail mounting
6-1415035-1




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl