Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

031-326 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # 031-326
Description  BNC Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

031-326 Datasheet(HTML) 2 Page - Amphenol Corporation

  031-326 Datasheet HTML 1Page - Amphenol Corporation 031-326 Datasheet HTML 2Page - Amphenol Corporation 031-326 Datasheet HTML 3Page - Amphenol Corporation 031-326 Datasheet HTML 4Page - Amphenol Corporation 031-326 Datasheet HTML 5Page - Amphenol Corporation 031-326 Datasheet HTML 6Page - Amphenol Corporation 031-326 Datasheet HTML 7Page - Amphenol Corporation 031-326 Datasheet HTML 8Page - Amphenol Corporation 031-326 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
106
Amphenol® RF:
800-627-7100
106
Amphenol® RF:
800-627-7100
BNC
BNC
BNC Connectors
Description
Developed in the late 1940’s as a miniature version of the Type C connector, BNC stands for Bayonet Neill Concelman
and is named after Amphenol engineer Carl Concelman. The BNC product line is a miniature quick connect/disconnect
RF connector. It features two bayonet lugs on the female connector; mating is achieved with only a quarter turn of the
coupling nut. BNC’s are ideally suited for cable termination for miniature to subminiature coaxial cable (RG-58, 59, to
RG-179, RG-316, etc.)
Amphenol 50 Ω BNC connectors are miniature, lightweight units useable up to 11 GHz and typically yield low reflection
through 4 GHz. Designed to accommodate a large variety of RG and industry standard cables, BNC connectors are avail-
able in crimp/crimp, clamp/solder, SURETWIST®, and field serviceable termination styles. A full line of printed circuit board
receptacles, bulkhead receptacles, resistor terminations, and other accessories complement the product offering.
A variety of our 50 Ω BNC connectors are recognized under the Component program of Underwriter’s Laboratories, Inc.
These connectors are ideal for use with medical equipment and test instrumentation where safety cannot be compromised.
Amphenol also offers a full line of 75 Ω BNC connectors to meet the needs for higher performance impedance-matched
cable interconnections. These connectors can be used in a variety of applications where true 75 Ω performance is needed
to insure low signal distortion. Designed for the most popular 75 Ω cables used in broadcast and telecommunications
applications as well as for plenum and other cables, these connectors feature crimp-crimp cable affixment for quick and
reliable installation.
Part numbers that are listed with the appropriate M39012 number are military grade connectors produced in accordance
with and actively qualified to the military specification MIL-C-39012. Connectors not listed with the M39012 number
constitute the industrial grade product offering. These connectors provide comparable performance and generally feature
nickel-plated brass bodies, Teflon insulators, and either gold or silver-plated center contacts. Amphenol’s commercial grade
connector offering carries the part number designation “RFX” for easy recognition. These low-cost connectors typically
utilize die cast and molded components.
Reverse Polarity BNC’s are also available. Reverse polarity is a keying system accomplished with a reverse interface, and
ensures that reverse polarity interface connectors do not mate with standard interface connectors. Amphenol accomplishes
this by inserting female contacts into plugs and male contacts into jacks. Other manufacturers may use reverse threading to
accomplish reverse polarity keying.
Features/Benefits
•Bayonetcouplingmechanismprovidesquickmatingandunmating
•50Ωand75Ωimpedancedesignsallowcustomerstomatchsystem
requirements
•50Ωand75Ωconnectorsareintermateable
•Fourgradesofconnectorsareavailableformilitary,industrial,commercialandperformanceapplications
Applications
•Antennas
•SurgeProtection
•BaseStations
•Telecom
•Broadcast
•Instrumentation
•CableAssemblies
•Oscilloscopes
•Computers/LANs
•MedicalEquipment
•Radios
•SatelliteCommunications


Similar Part No. - 031-326

ManufacturerPart #DatasheetDescription
logo
Amphenol RF.
031-320-RFX RF-031-320-RFX Datasheet
148Kb / 1P
   bnC CRIMP PLUG FOR RG-142A/U, 400/U CABLE, 50OHM
11-Jul-16
logo
Amphenol Corporation
031-3202 AMPHENOL-031-3202 Datasheet
53Kb / 1P
   Cable Plugs
031-327-RFX AMPHENOL-031-327-RFX Datasheet
53Kb / 1P
   BNC 50 ohm Cable Plugs
031-328-RFX AMPHENOL-031-328-RFX Datasheet
53Kb / 1P
   BNC 50 ohm Cable Plugs
More results

Similar Description - 031-326

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
DDK Ltd.
BNC DDK-BNC Datasheet
308Kb / 13P
   BNC Type Connectors
logo
Winchester Electronics ...
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
   Standard BNC Connectors
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
   Specifications for BNC Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
   Long Barrel BNC Connectors
logo
Winchester Electronics ...
HBC179DT WINCHESTER-HBC179DT Datasheet
57Kb / 2P
   High Definition BNC Connectors
HBC335R744 WINCHESTER-HBC335R744 Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
logo
Adam Technologies, Inc.
RF1-01-P-00-50 ADAM-TECH-RF1-01-P-00-50 Datasheet
95Kb / 1P
   RIGHT ANGLE BNC CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com