Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # Z01
Description  Standard 1A Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z01 Datasheet(HTML) 1 Page - STMicroelectronics

  Z01 Datasheet HTML 1Page - STMicroelectronics Z01 Datasheet HTML 2Page - STMicroelectronics Z01 Datasheet HTML 3Page - STMicroelectronics Z01 Datasheet HTML 4Page - STMicroelectronics Z01 Datasheet HTML 5Page - STMicroelectronics Z01 Datasheet HTML 6Page - STMicroelectronics Z01 Datasheet HTML 7Page - STMicroelectronics Z01 Datasheet HTML 8Page - STMicroelectronics Z01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
December 2010
Doc ID 7474 Rev 10
1/12
12
Z01
Standard 1A Triacs
Features
On-state rms current, IT(RMS) 1 A
Repetitive peak off-state voltage, VDRM/VRRM
600 or 800 V
Triggering gate current, IGT (Q1) 3 to 25 mA
Description
The Z01 series is suitable for general purpose AC
switching applications. These devices are
typically used in applications such as home
appliances (electrovalve, pump, door lock, small
lamp control), fan speed controllers,...
Different gate current sensitivities are available,
allowing optimized performance when driven
directly through microcontrollers.
A2
A1
G
A2
A1
G
A1
A2
G
A1
A2
G
A2
TO-92
Z01xxA
SOT-223
Z01xxN
SMBflat-3L
Z01xxMUF
www.st.com


Similar Part No. - Z01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
74Kb / 8P
   1A TRIACS
logo
Mitsumi Electronics, Co...
Z01 MITSUMI-Z01 Datasheet
51Kb / 4P
   3 to 4 cell Lithium-ion/Lithium-polymer battery secondaryr potection protection IC
logo
Schneider Electric
Z01 SCHNEIDER-Z01 Datasheet
113Kb / 2P
   nut wrench for M22 fixing nut - set of 5
Feb 10, 2022
logo
EIC discrete Semiconduc...
Z0100 EIC-Z0100 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
Z0100A EIC-Z0100A Datasheet
104Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - Z01

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
   Standard TRIACs, 1A
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
74Kb / 8P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
   1A TRIACs
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
   1A TRIACs
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
   1A TRIACS
logo
STMicroelectronics
BTA10B STMICROELECTRONICS-BTA10B Datasheet
88Kb / 5P
   STANDARD TRIACS
March 1995
T2512MH STMICROELECTRONICS-T2512MH Datasheet
306Kb / 5P
   STANDARD TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com