Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMV0730 Datasheet(PDF) 6 Page - Tyco Electronics

Part # PTMV0730
Description  Accessories Miniature Relay PT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PTMV0730 Datasheet(HTML) 6 Page - Tyco Electronics

  PTMV0730 Datasheet HTML 1Page - Tyco Electronics PTMV0730 Datasheet HTML 2Page - Tyco Electronics PTMV0730 Datasheet HTML 3Page - Tyco Electronics PTMV0730 Datasheet HTML 4Page - Tyco Electronics PTMV0730 Datasheet HTML 5Page - Tyco Electronics PTMV0730 Datasheet HTML 6Page - Tyco Electronics PTMV0730 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Datasheet 2010/11
Rev. JK1
www.tycoelectronics.com
www.schrackrelays.com
© 2010 Tyco Electronics Ltd.
Datasheets and product specification acc.
IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Datasheets and product data is subject to
the terms of the disclaimer and all chapters
of the ‘Definitions’ section, available at
http://relays.tycoelectronics.com/definitions
Datasheets, product data, ‘Definitions’
section, application notes and all
specifications are subject to change.
General Purpose Relays
SCHRACK
6
Accessories Miniature Relay PT (Continued)
PT sockets for PCB mount and with solder terminals
Technical data
2-pole
3-pole
4-pole
Rated voltage / max. switching voltage AC
240 / 400 VAC
Rated current
12 A
10 A
6 A
Dielectric strength coil-contact circuit
2500 Vrms
2500 Vrms
2500 Vrms
open contact circuit
1200 Vrms
1200 Vrms
1200 Vrms
adjacent contact circuits
2500 Vrms
2500 Vrms
2000 Vrms
Clearance / creepage coil-contact circuit
W 4/4 mm
W 4/4 mm
W 4/4 mm
adjacent cont. circuits
W 3.5/9.5 mm W 2.6/3.5 mm W 1.8/3.5 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
basic
basic
open contact circuit
functional
functional
functional
adjacent contact circuits
basic
basic
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
F0132-A
S0308-AA
PT 78 600, socket with solder terminals, 4-pole
Chassis cut-out
PT 78 602, PT 78 603, PT 78 604, socket with PCB terminals, 2-, 3- and 4-pole
F0133-A
S0308-BB
PT 78 601, socket with solder terminals, 4-pole
Chassis cut-out
F0134-A
S0308-AC


Similar Part No. - PTMV0730

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PTMV0730 MACOM-PTMV0730 Datasheet
265Kb / 5P
   Accessories Miniature Relay PT
PTMV0730 MACOM-PTMV0730 Datasheet
212Kb / 3P
   Accessories Industrial Power Relay RT / RP / SR2M
More results

Similar Description - PTMV0730

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT78722 MACOM-PT78722 Datasheet
265Kb / 5P
   Accessories Miniature Relay PT
PT380024 MACOM-PT380024 Datasheet
721Kb / 4P
   Miniature Relay PT
PT78702 MACOM-PT78702 Datasheet
658Kb / 4P
   Miniature Relay PT
2-1415529-1 MACOM-2-1415529-1 Datasheet
721Kb / 4P
   Miniature Relay PT
PT270024 MACOM-PT270024_05 Datasheet
294Kb / 4P
   Miniature Relay PT
2-1415039-1 MACOM-2-1415039-1 Datasheet
721Kb / 4P
   Miniature Relay PT
2-1393154-0 MACOM-2-1393154-0 Datasheet
721Kb / 4P
   Miniature Relay PT
RY78626 MACOM-RY78626 Datasheet
114Kb / 2P
   Accessories Miniature PCB Relay RYII
TM78700 MACOM-TM78700 Datasheet
81Kb / 1P
   Accessories Miniature Power Relay PCLH and similar design
2-1415535-0 MACOM-2-1415535-0 Datasheet
264Kb / 3P
   Relay Package PT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com