Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB80C166-M-T3 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # SAB80C166-M-T3
Description  16-Bit CMOS Single-Chip Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB80C166-M-T3 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  SAB80C166-M-T3 Datasheet HTML 1Page - Siemens Semiconductor Group SAB80C166-M-T3 Datasheet HTML 2Page - Siemens Semiconductor Group SAB80C166-M-T3 Datasheet HTML 3Page - Siemens Semiconductor Group SAB80C166-M-T3 Datasheet HTML 4Page - Siemens Semiconductor Group SAB80C166-M-T3 Datasheet HTML 5Page - Siemens Semiconductor Group SAB80C166-M-T3 Datasheet HTML 6Page - Siemens Semiconductor Group SAB80C166-M-T3 Datasheet HTML 7Page - Siemens Semiconductor Group SAB80C166-M-T3 Datasheet HTML 8Page - Siemens Semiconductor Group SAB80C166-M-T3 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
SAB 80C166/83C166
Semiconductor Group
4
Pin Definitions and Functions
Symbol
Pin
Number
Input
Output
Function
P4.0 –
P4.1
16-17
16
17
I/O
O
O
Port 4 is a 2-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-impedance
state.
In case of an external bus configuration, Port 4 can be used to
output the segment address lines:
P4.0
A16
Least Significant Segment Addr. Line
P4.1
A17
Most Significant Segment Addr. Line
XTAL1
XTAL2
20
19
I
O
XTAL1:
Input to the oscillator amplifier and input to the
internal clock generator
XTAL2:
Output of the oscillator amplifier circuit.
To clock the device from an external source, drive XTAL1, while
leaving XTAL2 unconnected. Minimum and maximum high/low
and rise/fall times specified in the AC Characteristics must be
observed.
BUSACT,
EBC1,
EBC0
22
23
24
I
I
I
External Bus Configuration selection inputs. These pins are
sampled during reset and select either the single chip mode or
one of the four external bus configurations:
BUSACT EBC1
EBC0
Mode/Bus Configuration
0
0
0
8-bit demultiplexed bus
0
0
1
8-bit multiplexed bus
0
1
0
16-bit multiplexed bus
0
1
1
16-bit demultiplexed bus
1
0
0
Single chip mode
1
0
1
Reserved.
1
1
0
Reserved.
1
1
1
Reserved.
ROMless versions must have pin BUSACT tied to ‘0’.
RSTIN
27
I
Reset Input with Schmitt-Trigger characteristics. A low level at
this pin for a specified duration while the oscillator is running
resets the SAB 80C166. An internal pullup resistor permits
power-on reset using only a capacitor connected to
V
SS.
RSTOUT
28
O
Internal Reset Indication Output. This pin is set to a low level
when the part is executing either a hardware-, a software- or a
watchdog timer reset. RSTOUT remains low until the EINIT
(end of initialization) instruction is executed.


Similar Part No. - SAB80C166-M-T3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C166-M-T3 INFINEON-SAB80C166-M-T3 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
Data Sheet 09.94
More results

Similar Description - SAB80C166-M-T3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
C161V SIEMENS-C161V Datasheet
791Kb / 43P
   16-Bit CMOS Single-Chip Microcontroller
C167CR SIEMENS-C167CR Datasheet
788Kb / 67P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C166 INFINEON-SAB80C166 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
Data Sheet 09.94
logo
Siemens Semiconductor G...
C161RI SIEMENS-C161RI_1 Datasheet
2Mb / 317P
   16-Bit CMOS Single-Chip Microcontroller
logo
Epson Company
S1C17701 EPSON-S1C17701 Datasheet
115Kb / 6P
   CMOS 16-bit Single Chip Microcontroller
logo
Siemens Semiconductor G...
SABC161RI-L16M SIEMENS-SABC161RI-L16M Datasheet
614Kb / 60P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
C164CI INFINEON-C164CI Datasheet
611Kb / 53P
   16-bit CMOS Single-Chip Microcontroller
1998-02
logo
Siemens Semiconductor G...
C167SR SIEMENS-C167SR Datasheet
680Kb / 66P
   16-Bit CMOS Single-Chip Microcontroller
logo
OKI electronic componet...
MSM67P620 OKI-MSM67P620 Datasheet
538Kb / 14P
   HIGH PERFORMANCE CMOS 16-BIT SINGLE CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com