Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0107NA,126 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # Z0107NA,126
Description  Logic level four-quadrant triac
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0107NA,126 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button Z0107NA,126 Datasheet HTML 4Page - NXP Semiconductors Z0107NA,126 Datasheet HTML 5Page - NXP Semiconductors Z0107NA,126 Datasheet HTML 6Page - NXP Semiconductors Z0107NA,126 Datasheet HTML 7Page - NXP Semiconductors Z0107NA,126 Datasheet HTML 8Page - NXP Semiconductors Z0107NA,126 Datasheet HTML 9Page - NXP Semiconductors Z0107NA,126 Datasheet HTML 10Page - NXP Semiconductors Z0107NA,126 Datasheet HTML 11Page - NXP Semiconductors Z0107NA,126 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Z0107NA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 04 — 22 March 2011
8 of 14
NXP Semiconductors
Z0107NA
4Q Triac
(1) T2- G+
(2) T2- G-
(3) T2+ G-
(4) T2+ G+
Fig 7.
Normalized gate trigger current as a function of
junction temperature
Fig 8.
Normalized latching current as a function of
junction temperature
Vo = 1.13 V
Rs = 0.31 Ω
(1) Tj = 125 °C; typical values
(2) Tj = 125 °C; maximum values
(3) Tj = 25 °C; maximum values
Fig 9.
Normalized holding current as a function of
junction temperature
Fig 10. On-state current as a function of on-state
voltage
Tj (°C)
-50
150
100
050
003aaa205
2
1
3
4
0
IGT(25°C)
IGT
(1)
(2)
(3)
(4)
Tj (°C)
-50
150
100
050
003aaa203
1
2
3
0
IL
IL(25°C)
Tj (°C)
-50
150
100
050
003aaa204
1
2
3
0
IH(25°C)
IH
003aac258
0
0.4
0.8
1.2
1.6
2
0
0.4
0.8
1.2
1.6
2
VT (V)
IT
(A)
(1)
(2)
(3)


Similar Part No. - Z0107NA,126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0107NA PHILIPS-Z0107NA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0107NA STMICROELECTRONICS-Z0107NA Datasheet
74Kb / 8P
   1A TRIACS
Z0107NA STMICROELECTRONICS-Z0107NA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0107NA NXP-Z0107NA Datasheet
184Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
logo
Tiger Electronic Co.,Lt...
Z0107NA TGS-Z0107NA Datasheet
153Kb / 1P
   1A TRIACS
More results

Similar Description - Z0107NA,126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0109MN NXP-Z0109MN_11 Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
Z0103NN NXP-Z0103NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0109NN NXP-Z0109NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0103NN NXP-Z0103NN_11 Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
Z0107MA NXP-Z0107MA_11 Datasheet
665Kb / 14P
   Logic level four-quadrant triac
Rev. 04-21 March 2011
Z0103NN0 NXP-Z0103NN0 Datasheet
623Kb / 15P
   Logic level four-quadrant triac
Rev. 02-21 March 2011
Z0109NN0 NXP-Z0109NN0 Datasheet
638Kb / 17P
   Logic level four-quadrant triac
Rev. 3-10 May 2011
logo
Unisonic Technologies
UZ0107 UTC-UZ0107_15 Datasheet
125Kb / 3P
   LOGIC LEVEL FOUR-QUADRANT TRIAC
logo
NXP Semiconductors
Z0103MN NXP-Z0103MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0107MA0 NXP-Z0107MA0 Datasheet
616Kb / 15P
   Logic level four-quadrant triac
Rev. 3-12 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com