Selected language     English  â–¼


7-1415539-7 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. 7-1415539-7
Description  Accessories Miniature Relay PT
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 5 page
background image
General Purpose Relays
5
SCHRACK
Datasheet 2010/11
Rev. JK1
www.tycoelectronics.com
www.schrackrelays.com
© 2010 Tyco Electronics Ltd.
Datasheets and product specification acc.
IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Datasheets and product data is subject to
the terms of the disclaimer and all chapters
of the ‘Definitions’ section, available at
http://relays.tycoelectronics.com/definitions
Datasheets, product data, ‘Definitions’
section, application notes and all
specifications are subject to change.
Accessories Miniature Relay PT (Continued)
Technical data (Continued)
2-pole
3-pole
4-pole
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
W 0, dense packing
Weight
41 g
48 g
55 g
Packaging unit
10 pcs
DIN-rail socket with screw type terminals
Type
Part Number
PT 78 720
DIN-rail socket with screw type terminals, 2 pole
6-1415034-1
PT 78 730
DIN-rail socket with screw type terminals, 3 pole
9-1415071-1
PT 78 740
DIN-rail socket with screw type terminals, 4 pole
4-1415033-1
PT 78 741
DIN-rail socket with screw type terminals, 4 pole
package with protection diode module A1+, A2-
5-1415034-1
Accessories for PT 78 720, PT 78 730, PT 78 740, PT 78 741
Type
Part Number
PT 17 016
Plastic retaining clip PT, relay height 29 mm
5-1415037-1
PT 17 024
Plastic retaining clip PT with ejecting function,
relay height 29 mm
1816124-1
PT 28 800
Metal retaining clip PT, relay height 29 mm
5-1419111-9
PT 17 040
Marking tag
6-1415037-1
PT 17 0R6
Jumper bar, max load 12 A
1860517-5
for connection of up to 6 PT sockets
LED- and Protection Modules for PT 78 72P, PT 78 74P, PT 78 722,
PT 78 742, PT 78 720, PT 78 730, PT 78 740
Easy insertion of module into the socket
Wiring in parallel to the coil
Type
Part Number
PTM T0 0A0
EM09
Protection diode (standard, A1+, A2-)
9-1415036-1
PTM T0 0L0
EM01
Protection diode (A1-, A2+)
1415037-1
PTM U0 524
EM02
RC-network 6...60 VAC
1-1415037-1
PTM U0 730
EM03
RC-network 110...230 VAC
2-1415037-1
PTM V0 524
EM04
Varistor 24 VAC
3-1415037-1
PTM V0 615
EM13
Varistor 115 VAC
6-1415365-1
PTM V0 730
EM05
Varistor 230 VAC
4-1415037-1
PTM D0 730
EM31
Residual current bypass RC 110…230 VAC
1415037-2
PTM R0 730
EM29
Residual current bypass resistor 110…230 VAC
1-1415539-2
LED
PTM L0 024
EM18
red LED 6...24 VDC w. prot.diode (std, A1+, A2-)
5-1415036-1
PTM G0 024
EM12
green LED 6...24 VDC w. prot.diode (std, A1+, A2-)
2-1415036-1
PTM L1 024
EM08
red LED 6...24 VDC w. prot. diode (A1-, A2+)
8-1415036-1
PTM L0 060
EM16
red LED 24…60 VDC w. prot.diode (std, A1+, A2-) 5-1415539-3
PTM G0 060
EM25
green LED 24…60 VDC w. prot.diode (std, A1+, A2-) 7-1415539-7
PTM L0 110
EM19
red LED 60...110 VDC w. prot. diode (A1+, A2-)
2-1415392-1
PTM G0 110
EM26
green LED 60…110 VDC w. prot diode (A1+, A2-)
1-1415539-7
PTM L0 220
EM27
red LED 110…220 VDC w. prot. diode (A1+, A2-)
1-1415539-4
PTM G0 220
EM28
green LED 110…220 VDC w. prot diode (A1+, A2-) 1-1415539-6
PTM L0 524
EM07
red LED 6...24 VDC/VAC
6-1415036-1
PTM G0 524
EM11
green LED 6...24 VDC/VAC
3-1415036-1
PTM L0 560
EM14
red LED 24...60 VDC/VAC
1-1415539-3
PTM G0 560
EM30
green LED 24...60 VDC/VAC
1-1415539-5
PTM L0 730
EM06
red LED 110...230 VAC
7-1415036-1
PTM G0 730
EM10
green LED 110...230 VAC
4-1415036-1
Relay Packages
Complete packages consisting of a relay mounted on a socket: see Relay Package PT
F0231-A
F0232-A
PT17 016
PT17 024
S0427-CH
S0427-CI
Marking tags
n
White marking area 28 x 6 mm
n
Snaps on socket in up to 4 positions




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl