Selected language     English  ▼


0-1393161-7 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 0-1393161-7
Description  Accessories Industrial Power Relay RT / RP / SR2M
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
RP 78 601 Socket with PCB terminals,
pinning 3.5 mm
Z
Technical data
Rated current
12 A
Rated voltage
300 Vac
Dielectric strength coil/cont.
>5000 Vrms
Insulation cat. (VDE 0110b)
C / 250 Vac
Ambient temperature
-40...+80 °C
Packaging unit
100 pcs.
RP 78 602 Socket with PCB terminals,
pinning 5 mm
Z
Technical data
Rated current
1 pole
12 A
2 pole
2 x 12 A
Rated voltage
300 Vac
Dielectric strength coil/cont.
>5000 Vrms
Insulation cat. (VDE 0110b)
C / 250 Vac
Ambient temperature
-40...+80 °C
Packaging unit
100 pcs.
F0116-A
F0117-A
S0322-AD
S0322-AC
Marking tags
· White marking area 15.5 x 6 mm
· Snaps on socket in up to 4 positions
LED- and Protection Modules for RT 78 624, RT 78 625, RT 78 626 and
RP 78 623, RY 78 626
Easy insertion of module into the socket
Wiring in parallel to the coil
Type
Part Number
RPM T0 0A0
Protection diode 1N4007 1)
1-1393161-1
RPM U0 548
RC-network 24...48 Vac
1-1393161-3
RPM U0 730
RC-network 110...230 Vac
1-1393161-4
LED
RPM L0 024
red LED 12...24 Vdc w.prot.diode 1)
0-1393161-4
RPM G0 024
green LED 12...24 Vdc w.prot.diode 1)
0-1393161-3
RPM L0 524
red LED 12...48 Vdc / Vac
0-1393161-7
RPM G0 524
green LED 12...48 Vdc / Vac
2-1419152-4
RPM L0 110
red LED 60...110 Vdc w.prot.diode 1)
0-1393161-6
RPM G0 110
green LED 60...110 Vdc w.prot.diode 1)
2-1419152-3
RPM L0 730
red LED 110...230 Vac
0-1393161-8
RPM G0 730
green LED 110...230 Vac
2-1419152-5
1) Standard polarity: A1:+, A2:-
Accessories Industrial Power Relay RT / RP / SR2M
and similar design: pinnings 3.5mm / 5mm; relay heights 15.7 / 25.5mm
F0123-A
S0321-BF
Accessories for RT 78 624, RT 78 625, RT 78 626
Type
Part Number
RT 16 016
Plastic retaining clip RT, relay height 15.7 mm
3-1393161-3
RP 16 104
Plastic retaining clip RP, relay height 25.5 mm
1-1393161-8
RY 16 040
Marking tag
6-1393161-8
Socket with PCB terminals
Type
Part Number
RP 78 601
Socket with PCB terminals,pinning 3.5 mm
8-1393234-4
RP 78 602
Socket with PCB terminals,pinning 5 mm
8-1393234-5
Accessories for RP 78 601, RP 78 602
Type
Part Number
RT 16 041
Plastic retaining clip RT, relay height 15.7 mm
3-1393161-4
RP 16 100
Plastic retaining clip RP, relay height 25.5 mm
1-1393161-7
RT 28 516
Metal retaining clip RT, relay height 15.7 mm
0-1419108-7
RP 28 500
Metal retaining clip RP, relay height 25.5 mm
1-1393161-9
Dimensions in mm
View on solder pins
Socket with PCB terminals




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl