Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02-09-2612 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 02-09-2612
Description  TERMINAL, PIN, .093/(2.36) DIA., CRIMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

02-09-2612 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  02-09-2612 Datasheet HTML 1Page - Molex Electronics Ltd. 02-09-2612 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 02-09-2612

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02-09-2100 MOLEX5-02-09-2100 Datasheet
92Kb / 1P
   TERMINAL FOR USE
02-09-2101 MOLEX1-02-09-2101 Datasheet
149Kb / 3P
   2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) Plated Brass Contact, 14-20 AWG, Reel
02-09-2101 MOLEX5-02-09-2101 Datasheet
41Kb / 2P
   2.36mm Diameter
02-09-2101 MOLEX5-02-09-2101 Datasheet
92Kb / 1P
   TERMINAL FOR USE
02-09-2103 MOLEX1-02-09-2103 Datasheet
148Kb / 3P
   2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) Plated Brass Contact, 14-20 AWG, Bag
More results

Similar Description - 02-09-2612

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02-09-1134 MOLEX2-02-09-1134 Datasheet
73Kb / 1P
   P.C. TAIL TERMINAL FEMALE .093/(2.36)DIA
02-09-5147 MOLEX2-02-09-5147 Datasheet
82Kb / 1P
   CRIMP TERMINAL, FEMALE .093/(2.36) DIA. FOR 24 THRU 30 AWG WIRE
02-09-6145 MOLEX2-02-09-6145 Datasheet
68Kb / 1P
   CRIMP TERMINAL, MALE ..093/(2.36) DIA. FOR 24 THRU 30 AWG WIRE
02-09-1139 MOLEX2-02-09-1139 Datasheet
92Kb / 1P
   CRIMP TERM., FEMALE .093/(2.36) DIA. FOR 22-24 AWG WIRE
02-09-8104 MOLEX11-02-09-8104 Datasheet
104Kb / 1P
   CRIMP TERMINAL, MALE, GROUND PIN, .093 DIA., FOR VARIOUS WIRE SIZES
02-09-1153 MOLEX11-02-09-1153 Datasheet
78Kb / 1P
   CRIMP TERM FEMALE 093/(2.36)DIA/ FOR 14 THRU 18 AWG WIRE
logo
Tyco Electronics
42827-2 MACOM-42827-2 Datasheet
57Kb / 1P
   RECEPTACLE, PIN, .093 DIA
logo
Molex Electronics Ltd.
02-09-1651 MOLEX11-02-09-1651 Datasheet
73Kb / 1P
   093/(2.36) DIA. SOCKET W/0 INSULATION CRIMP FOR 16 THRU 20AWG. WIRE
0002096123 MOLEX1-0002096123 Datasheet
138Kb / 2P
   2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal
0002092116 MOLEX1-0002092116 Datasheet
143Kb / 3P
   2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com