Selected language     English  â–¼


7-1415036-1 Datasheet(PDF) 7 Page - Tyco Electronics

Part No. 7-1415036-1
Description  Accessories Miniature Relay PT
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 7 page
background image
General Purpose Relays
7
SCHRACK
Datasheet 2010/11
Rev. JK1
www.tycoelectronics.com
www.schrackrelays.com
© 2010 Tyco Electronics Ltd.
Datasheets and product specification acc.
IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Datasheets and product data is subject to
the terms of the disclaimer and all chapters
of the ‘Definitions’ section, available at
http://relays.tycoelectronics.com/definitions
Datasheets, product data, ‘Definitions’
section, application notes and all
specifications are subject to change.
Accessories Miniature Relay PT (Continued)
Technical data (Continued)
2-pole
3-pole
4-pole
RoHS - Directive 2002/95/EC
compliant as per product date code 0517
Ambient temperature range
-40...+80°C
Terminals
pcb, solder terminals
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
W 0, dense packing
Resistance to soldering heat
270°C / 10 s
Weight
6 g
7 g
7 g
Packaging unit
25 pcs
PT sockets
Type
Part Number
PT 78 600
Socket with solder terminals, 4 pole
4-1415043-1
PT 78 602
Socket with PCB terminals, 2 pole
5-1415043-1
PT 78 603
Socket with PCB terminals, 3 pole
1393162-5
PT 78 604
Socket with PCB terminals, 4 pole
3-1415043-1
PT 78 601
Socket with solder terminals, 4 pole
6-1415043-1
Accessories for PT 78 600, PT 78 601, PT 78 602, PT 78 603, PT 78 604
Type
Part Number
PT 28 802
Metal retaining clip PT, relay height 29 mm
1393162-1




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl