Selected language     English  ▼


7-1415036-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 7-1415036-1
Description  Accessories Miniature Relay PT
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
Datasheet 2010/11
Rev. JK1
www.tycoelectronics.com
www.schrackrelays.com
© 2010 Tyco Electronics Ltd.
Datasheets and product specification acc.
IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Datasheets and product data is subject to
the terms of the disclaimer and all chapters
of the ‘Definitions’ section, available at
http://relays.tycoelectronics.com/definitions
Datasheets, product data, ‘Definitions’
section, application notes and all
specifications are subject to change.
General Purpose Relays
SCHRACK
4
DIN-rail socket with screw type terminals, In/Out arrangement
Type
Part Number
PT 78 722
DIN-rail socket with screw type terminals,
In/Out arrangement 2 pole
1415526-1
PT 78 742
DIN-rail socket with screw type terminals,
In/Out arrangement 4 pole
1-1415526-1
Accessories for PT 78 722, PT 78 742
Type
Part Number
PT 17 021
Plastic retaining clip, relay height 29 mm
2-1415526-1
PT 28 800
Metal retaining clip PT, relay height 29 mm
5-1419111-9
PT 17 040
Marking tag
6-1415037-1
PT 17 0R6
Jumper bar, max load 12 A
1860517-5
for connection of up to 6 PT sockets
PT DIN-rail socket with screw type terminals PT 78 720/730/740/741
Approvals
V REG.-Nr. 115719, Z E135149
Technical data
2-pole
3-pole
4-pole
Rated voltage / max. switching voltage AC
240 / 400 VAC
Rated current
12 A
10 A
6 A
Limiting continuous current
see derating curve
Dielectric strength coil-contact circuit
2500 Vrms
2500 Vrms
2500 Vrms
open contact circuit
1200 Vrms
1200 Vrms
1200 Vrms
adjacent contact circuits
2500 Vrms
2500 Vrms
2000 Vrms
Clearance / creepage coil-contact circuit
W 4/4 mm
W 4/4 mm
W 4/4 mm
adjacent cont. circuits
W 3.5/9.5 mm W 2.6/3.5 mm W 1.8/3.5 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
basic
basic
open contact circuit
functional
functional
functional
adjacent contact circuits
basic
basic
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
RoHS - Directive 2002/95/EC
compliant
Ambient temperature range
-40...+70°C
Terminals
screw
Terminal screw torque acc. IEC 61984
0.5 Nm
max.
0.7 Nm
Wire cross section
single wire
2 x 2.5 mm2
fine wire
2 x 2.5 mm2
with bootlace crimp (DIN 46228/1)
2 x 1.5 mm2
S0427-CF
Accessories Miniature Relay PT (Continued)
F0234-C
S0427-DB
S0559-AP
Jumper bar




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl