Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB80C515A Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # SAB80C515A
Description  8-Bit CMOS Single-Chip Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB80C515A Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button SAB80C515A Datasheet HTML 7Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 8Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 9Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 10Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 11Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 12Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 13Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 14Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
SAB 80C515A/83C515A-5
Semiconductor Group
10
EA
51
49
I
External Access Enable
When held high, the SAB 80C515A executes
instructions from the internal ROM as long as
the PC is less than 32768. When held low, the
SAB 80C515A fetches all instructions from
external program memory. For the SAB
80C515A this pin must be tied low.
P0.0-P0.7 52-59
52-59
I/O
Port 0
is an 8-bit open-drain bidirectional I/O port.
Port 0 pins that have 1's written to them float,
and in that state can be used as high-
impedance inputs.
Port 0 is also the multiplexed low-order
address and data bus during accesses to
external program and data memory. In this
application it uses strong internal pullup
resistors when issuing 1's.
Port 0 also outputs the code bytes during
program verification in the SAB 80C515A.
External pullup resistors are required during
program verification.
P5.7-P5.0 60-67
60-67
I/O
Port 5 is an 8-bit bidirectional I/O port with
internal pullup resistors. Port 5 pins that have
1's written to them are pulled high by the
internal pullup resistors, and in that state can
be used as inputs. As inputs, port 5 pins being
externally pulled low will source current
(IIL in the DC characteristics) because of the
internal pullup resistors.
HWPD
68
69
I
Hardware Power Down
A low level on this pin for the duration of one
machine cycle while the oscillator is running
resets the SAB 80C515A.
A low level for a longer period will force the
part to Power Down Mode with the pins float-
ing. (see table 5)
VCC
37
32, 33
Supply voltage
during normal, idle, and power-down operation.
VSS
38
34, 35
Ground (0 V)
N.C.
2, 13, 14, 23,
46, 50, 51,
68, 70, 71
Not connected
These pins of the P-MQFP-80 package must
not be connected.
Pin Definitions and Functions (cont’d)
Symbol
Pin
P-LCC-68
Pin
P-MQFP-80
Input (I)
Output (O)
Function


Similar Part No. - SAB80C515A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
logo
Siemens Semiconductor G...
SAB80C515A SIEMENS-SAB80C515A Datasheet
1Mb / 108P
   8-Bit CMOS Single-Chip Microcontroller Family
SAB80C515A-5 SIEMENS-SAB80C515A-5 Datasheet
1Mb / 108P
   8-Bit CMOS Single-Chip Microcontroller Family
More results

Similar Description - SAB80C515A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com