Selected language     English  ▼


4-1415043-1 Datasheet(PDF) 6 Page - Tyco Electronics

Part No. 4-1415043-1
Description  Accessories Miniature Relay PT
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 6 page
background image
Datasheet 2010/11
Rev. JK1
www.tycoelectronics.com
www.schrackrelays.com
© 2010 Tyco Electronics Ltd.
Datasheets and product specification acc.
IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Datasheets and product data is subject to
the terms of the disclaimer and all chapters
of the ‘Definitions’ section, available at
http://relays.tycoelectronics.com/definitions
Datasheets, product data, ‘Definitions’
section, application notes and all
specifications are subject to change.
General Purpose Relays
SCHRACK
6
Accessories Miniature Relay PT (Continued)
PT sockets for PCB mount and with solder terminals
Technical data
2-pole
3-pole
4-pole
Rated voltage / max. switching voltage AC
240 / 400 VAC
Rated current
12 A
10 A
6 A
Dielectric strength coil-contact circuit
2500 Vrms
2500 Vrms
2500 Vrms
open contact circuit
1200 Vrms
1200 Vrms
1200 Vrms
adjacent contact circuits
2500 Vrms
2500 Vrms
2000 Vrms
Clearance / creepage coil-contact circuit
W 4/4 mm
W 4/4 mm
W 4/4 mm
adjacent cont. circuits
W 3.5/9.5 mm W 2.6/3.5 mm W 1.8/3.5 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
basic
basic
open contact circuit
functional
functional
functional
adjacent contact circuits
basic
basic
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
F0132-A
S0308-AA
PT 78 600, socket with solder terminals, 4-pole
Chassis cut-out
PT 78 602, PT 78 603, PT 78 604, socket with PCB terminals, 2-, 3- and 4-pole
F0133-A
S0308-BB
PT 78 601, socket with solder terminals, 4-pole
Chassis cut-out
F0134-A
S0308-AC




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl