Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67121-C848 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # Q67121-C848
Description  16-Bit CMOS Single-Chip Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67121-C848 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button Q67121-C848 Datasheet HTML 7Page - Siemens Semiconductor Group Q67121-C848 Datasheet HTML 8Page - Siemens Semiconductor Group Q67121-C848 Datasheet HTML 9Page - Siemens Semiconductor Group Q67121-C848 Datasheet HTML 10Page - Siemens Semiconductor Group Q67121-C848 Datasheet HTML 11Page - Siemens Semiconductor Group Q67121-C848 Datasheet HTML 12Page - Siemens Semiconductor Group Q67121-C848 Datasheet HTML 13Page - Siemens Semiconductor Group Q67121-C848 Datasheet HTML 14Page - Siemens Semiconductor Group Q67121-C848 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
SAB 80C166/83C166
Semiconductor Group
10
Central Processing Unit (CPU)
The main core of the CPU consists of a 4-stage instruction pipeline, a 16-bit arithmetic and logic unit
(ALU) and dedicated SFRs. Additional hardware has been spent for a separate multiply and divide
unit, a bit-mask generator and a barrel shifter.
Based on these hardware provisions, most of the SAB 80C166’s instructions can be executed in just
one machine cycle which requires 100 ns at 20-MHz CPU clock. For example, shift and rotate
instructions are always processed during one machine cycle independent of the number of bits to
be shifted. All multiple-cycle instructions have been optimized so that they can be executed very fast
as well: branches in 2 cycles, a 16
× 16 bit multiplication in 5 cycles and a 32-/16 bit division in
10 cycles. Another pipeline optimization, the so-called ‘Jump Cache’, allows reducing the execution
time of repeatedly performed jumps in a loop from 2 cycles to 1 cycle.
The CPU disposes of an actual register context consisting of up to 16 wordwide GPRs which are
physically allocated within the on-chip RAM area. A Context Pointer (CP) register determines the
base address of the active register bank to be accessed by the CPU at a time. The number of
register banks is only restricted by the available internal RAM space. For easy parameter passing,
a register bank may overlap others.
Figure 4
CPU Block Diagram
32 KByte in the
SAB 83C166
1 KByte


Similar Part No. - Q67121-C848

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67121-C862 SIEMENS-Q67121-C862 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
More results

Similar Description - Q67121-C848

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
C161V SIEMENS-C161V Datasheet
791Kb / 43P
   16-Bit CMOS Single-Chip Microcontroller
C167CR SIEMENS-C167CR Datasheet
788Kb / 67P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C166 INFINEON-SAB80C166 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
Data Sheet 09.94
logo
Siemens Semiconductor G...
C161RI SIEMENS-C161RI_1 Datasheet
2Mb / 317P
   16-Bit CMOS Single-Chip Microcontroller
logo
Epson Company
S1C17701 EPSON-S1C17701 Datasheet
115Kb / 6P
   CMOS 16-bit Single Chip Microcontroller
logo
Siemens Semiconductor G...
SABC161RI-L16M SIEMENS-SABC161RI-L16M Datasheet
614Kb / 60P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
C164CI INFINEON-C164CI Datasheet
611Kb / 53P
   16-bit CMOS Single-Chip Microcontroller
1998-02
logo
Siemens Semiconductor G...
C167SR SIEMENS-C167SR Datasheet
680Kb / 66P
   16-Bit CMOS Single-Chip Microcontroller
logo
OKI electronic componet...
MSM67P620 OKI-MSM67P620 Datasheet
538Kb / 14P
   HIGH PERFORMANCE CMOS 16-BIT SINGLE CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com