Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYC59PB-600 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYC59PB-600
Description  Bipolar Power Product Selection Guide
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYC59PB-600 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYC59PB-600 Datasheet HTML 1Page - NXP Semiconductors BYC59PB-600 Datasheet HTML 2Page - NXP Semiconductors BYC59PB-600 Datasheet HTML 3Page - NXP Semiconductors BYC59PB-600 Datasheet HTML 4Page - NXP Semiconductors BYC59PB-600 Datasheet HTML 5Page - NXP Semiconductors BYC59PB-600 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Thyristors
3-Quadrant Triacs
part numbering
I
GT key:
D 5 mA (10 mA in3+)
E 10 mA (25 mA in 3+)
F 25 mA (70 mA in 3+)
-
35 mA (70 mA in 3+)
G 50 mA (100 mA in 3+)
3-Quadrant Triacs
types in bold red represent new products
I
T(RMS)
(A)
V
DRM
(V)
I
GT (max)
(mA)
SOT54
(TO92)
SOT78
(TO220AB)
SOT78D
(internally
insulated
TO220AB)
SOT186A
(isolated
TO220AB)
SOT223
SOT404
(D2PAK)
SOT428
(DPAK)
0.8
600 / 800
D/E
BTA2008
1
600 / 800
B/E/ER
BTA201
600 / 800
E
BTA201W
2
600 / 800
D/E
BTA202X
4
600
B/C/D/E/F
BTA204
BTA204X
BTA204S
800
B/C/E
BTA204
BTA204X
BTA204S
1000
C
BTA204X
BTA204S
8
600
B/D/E/F
BTA208
BTA208X
BTA208S
800
B/E
BTA208
BTA208X
BTA208S
800
F
BTA208
BTA208X
BTA208S
1000
B
BTA208X
1000
C
BTA208X
BTA208B
1000
5 min - 35 max
BTA208X-1000C0
12
600
D
BTA312
BTA312X
BTA312B
600
CT
BTA312
BTA312B
600 / 800
B/C/E
BTA312
BTA312X
BTA312B
600 / 800
C
BTA312Y
800
ET
BTA312
BTA312B
600 / 800
B/C
BTA412Y
16
600
BT/D
BTA316
600 / 800
B/C/E
BTA316
BTA316X
BTA316B
600 / 800
ET
BTA316
800
10 min - 50 max
BTA316X-800B0
600 / 800
B/C
BTA416Y
25
600
BT
BTA225
600 / 800
B
BTA225
BTA225B
Silicon Controlled Rectifiers
types in bold red represent new products
I
T(RMS)
(A)
V
DRM & VRRM (V)
I
GT (max)
(mA)
SOT54
(TO92)
SOT78
(TO220AB)
SOT82
SOT186A
(isolated
TO220AB)
SOT223
SOT404
(D2PAK)
SOT428
(DPAK)
SOT533
(IPAK)
0.8
400
0.012
EC103D1
400 (V
DRM only)
0.2
NXL0840
200 / 400 / 600
0.2
BT149B/D/G
200 / 400 / 600
0.2
BT169B/D/G
400
0.05
BT169D-L
800
0.1
BT169H
500 / 600
0.02 min - 0.2 max
BT168E/G
200
0.2
MCR08BT1
1
600
0.02 min - 0.2 max
BT168GW
600
0.07 min - 0.45 max
BT168GWF**
600
0.2
BT148W-R*
4
400 / 500 / 600
0.2
BT148-R
600
0.2
BT150S-R
500
0.2
BT150-R
8
800
0.05
BT258S-LT
500 / 600 / 800
0.2
BT258-R
BT258X-R
600
0.2
BT258U-R
800
0.2
BT258S-R
600
5
BT300S-R
12
500 / 650
5
BT151-L
BT151S-L
500 / 650 / 800
15
BT151-R
BT151X-R
BT151S-R
650
15
BTH151S-R
500 / 650 / 800
15
BT151-C
BT151X-C
BT151U-C
500 / 1000
15
BT151-RT
20
400 / 600 / 800
32
BT152-R
BT152X-R
BT152B-R
500
32
BT152-RT
25
800
35
BT145-R
* Large chip / high I
TSM
** Hi-Com / fast turn-off
T: high T
jmax 150 °C


Similar Part No. - BYC59PB-600

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BYC5 UTC-BYC5 Datasheet
165Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
logo
NXP Semiconductors
BYC5-600 PHILIPS-BYC5-600 Datasheet
63Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998
BYC5-600 PHILIPS-BYC5-600 Datasheet
57Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
logo
Unisonic Technologies
BYC5-600 UTC-BYC5-600 Datasheet
132Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
More results

Similar Description - BYC59PB-600

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
logo
Bourns Electronic Solut...
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
List of Unclassifed Man...
26-249N12G ETC-26-249N12G Datasheet
564Kb / 2P
   SOCKET RECEPTACLES: PRODUCT SELECTION GUIDE
logo
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com