Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6709BRJ8R Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM6709BRJ8R
Description  64K x 4 Bit Static RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6709BRJ8R Datasheet(HTML) 6 Page - Motorola, Inc

  MCM6709BRJ8R Datasheet HTML 1Page - Motorola, Inc MCM6709BRJ8R Datasheet HTML 2Page - Motorola, Inc MCM6709BRJ8R Datasheet HTML 3Page - Motorola, Inc MCM6709BRJ8R Datasheet HTML 4Page - Motorola, Inc MCM6709BRJ8R Datasheet HTML 5Page - Motorola, Inc MCM6709BRJ8R Datasheet HTML 6Page - Motorola, Inc MCM6709BRJ8R Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MCM6709BR
6
MOTOROLA FAST SRAM
WRITE CYCLE 2 (E Controlled, See Notes 1 and 2)
MCM6709BR–6
MCM6709BR–7
MCM6709BR–8
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
6
7
8
ns
3
Address Setup Time
tAVEL
0
0
0
ns
Address Valid to End of Write
tAVEH
6
7
8
ns
Chip Enable to End of Write
tELEH,
tELWH
5
6
7
ns
4, 5
Data Valid to End of Write
tDVEH
3
3.5
3.5
ns
Data Hold Time
tEHDX
0
0
0
ns
Write Recovery Time
tEHAX
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. Product sensitivities to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus
contention conditions during read and write cycles.
3. All write cycle timing is referenced from the last valid address to the first transitioning address.
4. If E goes low coincident with or after W goes low, the output will remain in a high impedance condition.
5. If E goes high coincident with or before W goes high, the output will remain in a high impedance condition.
WRITE CYCLE 2
DATA VALID
HIGH–Z
tAVAV
tAVEH
tAVEL
tELWH
tEHAX
tDVEH
tEHDX
A (ADDRESS)
E (CHIP ENABLE)
W (WRITE ENABLE)
D (DATA IN)
Q (DATA OUT)
tELEH
ORDERING INFORMATION
(Order by Full Part Number)
Motorola Memory Prefix
Part Number
Package (J = 300 mil SOJ)
Full Part Numbers — MCM6709BRJ6
MCM6709BRJ6R
MCM6709BRJ7
MCM6709BRJ7R
MCM6709BRJ8
MCM6709BRJ8R
Shipping Method (R = Tape and Reel, Blank = Rails)
Speed (6 = 6 ns, 7 = 7 ns, 8 = 8 ns)
MCM 6709BR
X
X
X


Similar Part No. - MCM6709BRJ8R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BJ10 MOTOROLA-MCM6709BJ10 Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BJ10R MOTOROLA-MCM6709BJ10R Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BJ12 MOTOROLA-MCM6709BJ12 Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BJ12R MOTOROLA-MCM6709BJ12R Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
More results

Similar Description - MCM6709BRJ8R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709R MOTOROLA-MCM6709R Datasheet
146Kb / 8P
   64K x 4 Bit Static RAM
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
   64K x 4 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
   64K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com