Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6709RJ7R2 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM6709RJ7R2
Description  64K x 4 Bit Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6709RJ7R2 Datasheet(HTML) 1 Page - Motorola, Inc

  MCM6709RJ7R2 Datasheet HTML 1Page - Motorola, Inc MCM6709RJ7R2 Datasheet HTML 2Page - Motorola, Inc MCM6709RJ7R2 Datasheet HTML 3Page - Motorola, Inc MCM6709RJ7R2 Datasheet HTML 4Page - Motorola, Inc MCM6709RJ7R2 Datasheet HTML 5Page - Motorola, Inc MCM6709RJ7R2 Datasheet HTML 6Page - Motorola, Inc MCM6709RJ7R2 Datasheet HTML 7Page - Motorola, Inc MCM6709RJ7R2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MCM6709R
1
MOTOROLA FAST SRAM
64K x 4 Bit Static RAM
The MCM6709R is a 262,144 bit static random access memory organized as
65,536 words of 4 bits, fabricated using high–performance silicon–gate BiCMOS
technology. Static design eliminates the need for external clocks or timing
strobes.
Output enable (G) is a special control feature that provides increased system
flexibility and eliminates bus contention problems.
The MCM6709R meets JEDEC standards and is available in a revolutionary
pinout 300 mil, 28 lead plastic surface–mount SOJ package.
• Single 5 V ± 10% Power Supply
• Fully Static — No Clock or Timing Strobes Necessary
• All Inputs and Outputs are TTL Compatible
• Center Power and I/O Pins for Reduced Noise
• Three State Outputs
• Fast Access Times: MCM6709R–6 = 6 ns
MCM6709R–7 = 7 ns
MCM6709R–8 = 8 ns
BLOCK DIAGRAM
G
INPUT
DATA
CONTROL
MEMORY MATRIX
512 ROWS x 128 x 4
COLUMNS
COLUMN I/O
COLUMN DECODER
DQ0
DQ3
E
W
ROW
DECODER
••
••
••
••
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
Order this document
by MCM6709R/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MCM6709R
A0 – A15
Address Inputs
. . . . . . . . . . . .
W
Write Enable
. . . . . . . . . . . . . . . . . . . .
G
Output Enable
. . . . . . . . . . . . . . . . . . .
E
Chip Enable
. . . . . . . . . . . . . . . . . . . . . .
DQ0 – DQ3
Data Input/Output
. . . . . . . .
VCC
+ 5 V Power Supply
. . . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . .
NC
No Connection
. . . . . . . . . . . . . . . . .
PIN NAMES
J PACKAGE
300 MIL SOJ
CASE 810B–03
5
4
3
2
1
10
9
8
7
6
11
12
13
14
20
21
22
23
24
25
26
19
27
28
18
17
16
15
VCC
A3
A2
A1
A0
A4
VSS
E
A7
A6
A5
DQ0
DQ1
W
G
A12
A13
A14
A15
A8
A9
A10
NC
DQ2
VSS
DQ3
A11
VCC
All power supply and ground pins must
be connected for proper operation of the
device.
REV 1
5/95
© Motorola, Inc. 1995


Similar Part No. - MCM6709RJ7R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709AJ10 MOTOROLA-MCM6709AJ10 Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709AJ10R2 MOTOROLA-MCM6709AJ10R2 Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709AJ12 MOTOROLA-MCM6709AJ12 Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709AJ12R2 MOTOROLA-MCM6709AJ12R2 Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
More results

Similar Description - MCM6709RJ7R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BR MOTOROLA-MCM6709BR Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
   64K x 4 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
   64K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com