Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB80C515A-N18-T3 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # SAB80C515A-N18-T3
Description  8-Bit CMOS Single-Chip Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB80C515A-N18-T3 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button SAB80C515A-N18-T3 Datasheet HTML 5Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 6Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 7Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 8Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 9Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 10Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 11Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 12Page - Siemens Semiconductor Group SAB80C515A-N18-T3 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
SAB 80C515A/83C515A-5
Semiconductor Group
8
P1.7 -
P1.0
29-36
24-31
I/O
Port 1
is an 8-bit bidirectional I/O port with internal
pullup resistors. Port 1 pins that have 1's
written to them are pulled high by the internal
pullup resistors, and in that state can be used
as inputs. As inputs, port 1 pins being
externally pulled low will source current (IIL in
the DC characteristics) because of the internal
pullup resistors. The port is used for the low-
order address byte during program
verification. Port 1 also contains the interrupt,
timer, clock, capture and compare pins that
are used by various options. The output latch
corresponding to a secondary function must
be programmed to a one (1) for that function to
operate (except when used for the compare
functions). The secondary functions are
assigned to the port 1 pins as follows:
– INT3/CC0 (P1.0): interrupt 3 input /
compare 0 output /
capture 0 input
– INT4/CC1 (P1.1): interrupt 4 input /
compare 1 output /
capture 1 input
– INT5/CC2 (P1.2): interrupt 5 input /
compare 2 output /
capture 2 input
– INT6/CC3 (P1.3): interrupt 6 input /
compare 3 output /
capture 3 input
– INT2(P1.4):
interrupt 2 input
– T2EX (P1.5):
timer 2 external
reloadtrigger input
– CLKOUT (P1.6):
system clock output
– T2 (P1.7):
counter 2 input
XTAL2
39
36
XTAL2
Input to the inverting oscillator amplifier and
input to the internal clock generator circuits.
Pin Definitions and Functions (cont’d)
Symbol
Pin
P-LCC-68
Pin
P-MQFP-80
Input (I)
Output (O)
Function


Similar Part No. - SAB80C515A-N18-T3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB80C515A-5 SIEMENS-SAB80C515A-5 Datasheet
1Mb / 108P
   8-Bit CMOS Single-Chip Microcontroller Family
More results

Similar Description - SAB80C515A-N18-T3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com