Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR02 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR02
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR02 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR02 Datasheet HTML 6Page - Analog Devices ADR02 Datasheet HTML 7Page - Analog Devices ADR02 Datasheet HTML 8Page - Analog Devices ADR02 Datasheet HTML 9Page - Analog Devices ADR02 Datasheet HTML 10Page - Analog Devices ADR02 Datasheet HTML 11Page - Analog Devices ADR02 Datasheet HTML 12Page - Analog Devices ADR02 Datasheet HTML 13Page - Analog Devices ADR02 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD5737
Data Sheet
Rev. B | Page 10 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RSET_B
RSET_A
REFGND
REFGND
AD0
AD1
SYNC
SCLK
SDIN
SDO
DVDD
DGND
LDAC
CLEAR
ALERT
FAULT
COMPDCDC_C
IOUT_C
VBOOST_C
AVCC
SWC
GNDSWC
GNDSWD
SWD
AGND
SWA
GNDSWA
GNDSWB
SWB
AGND
VBOOST_B
IOUT_B
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD5737
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PADDLE SHOULD BE CONNECTED TO AGND, OR, ALTERNATIVELY,
IT CAN BE LEFT ELECTRICALLY UNCONNECTED. IT IS RECOMMENDED THAT
THE PADDLE BE THERMALLY CONNECTED TO A COPPER PLANE FOR ENHANCED
THERMAL PERFORMANCE.
Figure 7. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RSET_B
An external, precision, low drift, 15 kΩ current setting resistor can be connected to this pin to improve the
IOUT_B temperature drift performance. For more information, see the External Current Setting Resistor section.
2
RSET_A
An external, precision, low drift, 15 kΩ current setting resistor can be connected to this pin to improve the
IOUT_A temperature drift performance. For more information, see the External Current Setting Resistor section.
3
REFGND
Ground Reference Point for Internal Reference.
4
REFGND
Ground Reference Point for Internal Reference.
5
AD0
Address Decode for the Device Under Test (DUT) on the Board.
6
AD1
Address Decode for the DUT on the Board.
7
SYNC
Frame Synchronization Signal for the Serial Interface. Active low input. When SYNC is low, data is clocked
into the input shift register on the falling edge of SCLK.
8
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of SCLK. The serial interface
operates at clock speeds of up to 30 MHz.
9
SDIN
Serial Data Input. Data must be valid on the falling edge of SCLK.
10
SDO
Serial Data Output. Used to clock data from the serial register in readback mode (see Figure 4 and Figure 5).
11
DVDD
Digital Supply Pin. The voltage range is from 2.7 V to 5.5 V.
12
DGND
Digital Ground.
13
LDAC
Load DAC. This active low input is used to update the DAC register and, consequently, the DAC outputs.
When LDAC is tied permanently low, the addressed DAC data register is updated on the rising edge of
SYNC. If LDAC is held high during the write cycle, the DAC input register is updated, but the DAC output
is updated only on the falling edge of LDAC (see Figure 3). Using this mode, all analog outputs can be
updated simultaneously. The LDAC pin must not be left unconnected.


Similar Part No. - ADR02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR02 AD-ADR02 Datasheet
837Kb / 20P
   Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
REV. F
ADR02 AD-ADR02 Datasheet
495Kb / 33P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
Rev. PrA
ADR02 AD-ADR02 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
ADR02 AD-ADR02 Datasheet
993Kb / 32P
   Ultralow Noise, High Accuracy
REV. 0
ADR02 AD-ADR02 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
More results

Similar Description - ADR02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5735 AD-AD5735_12 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com