Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD586 Datasheet(PDF) 2 Page - Analog Devices

Part # AD586
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 2 Page - Analog Devices

  AD586 Datasheet HTML 1Page - Analog Devices AD586 Datasheet HTML 2Page - Analog Devices AD586 Datasheet HTML 3Page - Analog Devices AD586 Datasheet HTML 4Page - Analog Devices AD586 Datasheet HTML 5Page - Analog Devices AD586 Datasheet HTML 6Page - Analog Devices AD586 Datasheet HTML 7Page - Analog Devices AD586 Datasheet HTML 8Page - Analog Devices AD586 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
AD5737
Data Sheet
Rev. B | Page 2 of 44
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Companion Products ....................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Detailed Functional Block Diagram .............................................. 3
Specifications..................................................................................... 4
AC Performance Characteristics ................................................ 6
Timing Characteristics ................................................................ 6
Absolute Maximum Ratings............................................................ 9
Thermal Resistance ...................................................................... 9
ESD Caution.................................................................................. 9
Pin Configuration and Function Descriptions........................... 10
Typical Performance Characteristics ........................................... 13
Current Outputs ......................................................................... 13
DC-to-DC Converter................................................................. 17
Reference ..................................................................................... 18
General......................................................................................... 19
Terminology .................................................................................... 20
Theory of Operation ...................................................................... 21
DAC Architecture....................................................................... 21
Power-On State of the AD5737 ................................................ 21
Serial Interface ............................................................................ 21
Transfer Function ....................................................................... 22
Registers........................................................................................... 23
Enabling the Output................................................................... 24
Reprogramming the Output Range ......................................... 24
Data Registers ............................................................................. 25
Control Registers........................................................................ 27
Readback Operation .................................................................. 30
Device Features............................................................................... 32
Fault Output................................................................................ 32
Digital Offset and Gain Control............................................... 32
Status Readback During a Write .............................................. 32
Asynchronous Clear................................................................... 32
Packet Error Checking............................................................... 33
Watchdog Timer......................................................................... 33
Alert Output................................................................................ 33
Internal Reference ...................................................................... 33
External Current Setting Resistor ............................................ 33
HART Connectivity ................................................................... 34
Digital Slew Rate Control.......................................................... 34
Dynamic Power Control............................................................ 35
DC-to-DC Converters............................................................... 35
AICC Supply Requirements—Static .......................................... 36
AICC Supply Requirements—Slewing ...................................... 37
External PMOS Mode................................................................ 38
Applications Information .............................................................. 39
Current Output Mode with Internal RSET................................ 39
Precision Voltage Reference Selection..................................... 39
Driving Inductive Loads............................................................ 39
Transient Voltage Protection .................................................... 40
Microprocessor Interfacing....................................................... 40
Layout Guidelines....................................................................... 40
Galvanically Isolated Interface ................................................. 41
Industrial HART Capable Analog Output Application ........ 42
Outline Dimensions....................................................................... 43
Ordering Guide .......................................................................... 43
REVISION HISTORY
5/12—Rev. A to Rev. B
Changes to Companion Products Section .................................... 1
Change to Table 6 ........................................................................... 12
Added Industrial HART Capable Analog Output Application
Section and Figure 65, Renumbered Sequentially ..................... 42
Updated Outline Dimensions....................................................... 43
11/11—Rev. 0 to Rev. A
Change to Accuracy, External RSET Parameter in Table 1............ 4
Changes to Power-On State of the AD5737 Section.................. 21
Changes to Readback Operation Section and Readback
Example Section ............................................................................. 30
7/11—Revision 0: Initial Version


Similar Part No. - AD586

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD586 AD-AD586 Datasheet
203Kb / 8P
   High Precision 5 V Reference
REV. C
AD586 AD-AD586 Datasheet
495Kb / 33P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
Rev. PrA
AD586 AD-AD586 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD586 AD-AD586 Datasheet
993Kb / 32P
   Ultralow Noise, High Accuracy
REV. 0
AD586 AD-AD586 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
More results

Similar Description - AD586

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5735 AD-AD5735_12 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com