Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8293 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8293
Description  Low Noise, Low Gain Drift, G = 2000
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8293 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8293 Datasheet HTML 3Page - Analog Devices AD8293 Datasheet HTML 4Page - Analog Devices AD8293 Datasheet HTML 5Page - Analog Devices AD8293 Datasheet HTML 6Page - Analog Devices AD8293 Datasheet HTML 7Page - Analog Devices AD8293 Datasheet HTML 8Page - Analog Devices AD8293 Datasheet HTML 9Page - Analog Devices AD8293 Datasheet HTML 10Page - Analog Devices AD8293 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD8428
Rev. A | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±15 V, VREF = 0 V, TA = 25°C, G = 2000, RL = 10 kΩ, unless otherwise noted.
1200
1400
1600
1000
800
600
400
200
0
–40
–60
–20
40
60
20
0
VOSI (µV)
N = 5170
MEAN = 2.12
SD = 7.332
Figure 3. Typical Distribution of Input Offset Voltage, VS = ±5 V
1400
1200
1000
800
600
400
200
0
–40
–60
–20
40
60
20
0
VOSI (µV)
1600
N = 5169
MEAN = –2.57
SD = 7.31066
Figure 4. Typical Distribution of Input Offset Voltage, VS = ±15 V
1600
1400
1200
1000
800
600
400
200
0
–3
–2
–1
3
12
0
VOSI DRIFT (µV/°C)
N = 5166
MEAN = 0.398
SD = 0.42707
Figure 5. Typical Distribution of Input Offset Voltage Drift
1600
1400
1200
1000
800
600
400
200
0
–60
–40
–20
40
60
20
0
IBIAS (nA)
POSITIVE INPUT IBIAS
NEGATIVE INPUT IBIAS
N = 5171
MEAN = –10.8
SD = 6.67496
N = 5171
MEAN = –10.2
SD = 6.52901
Figure 6. Typical Distribution of Input Bias Current
1000
1200
1400
1600
800
600
400
200
0
–8
–6
–4
6
8
04
2
–2
IOS (nA)
N = 5171
MEAN = –0.53
SD = 1.41655
Figure 7. Typical Distribution of Input Offset Current
1200
1400
1600
1000
800
600
400
200
0
–600
–400
200
400
600
0
–200
GAIN ERROR (µV/V)
N = 3487
MEAN = –53.9
SD = 86.7774
Figure 8. Typical Distribution of Gain Error, Gain = 2000,
VS = ±15 V, RL = 10 kΩ


Similar Part No. - AD8293

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8293 AD-AD8293 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8293 AD-AD8293 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8293 AD-AD8293 Datasheet
529Kb / 28P
   Wide Supply Range, Micropower,
REV. 0
AD8293 AD-AD8293 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
AD8293G160 AD-AD8293G160 Datasheet
391Kb / 16P
   Low Cost, Zero-Drift In-Amp with Filter and Fixed Gain
REV. 0
More results

Similar Description - AD8293

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8428 AD-AD8428 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
logo
Texas Instruments
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166 TI-INA166 Datasheet
148Kb / 9P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166 TI-INA166_06 Datasheet
147Kb / 9P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
REF5040IDGK TI-REF5040IDGK Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift Precision
logo
Analog Devices
MAX6078A AD-MAX6078A Datasheet
3Mb / 18P
   Low-Power, Low-Drift,Low-Noise Voltage Reference
Rev 3 6/23
AD8228 AD-AD8228 Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
logo
Linear Technology
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
logo
Analog Devices
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
   Low Gain Drift Precision Instrumentation Amplifier
AD645 AD-AD645 Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com