Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5780 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5780
Description  System Ready, 18-Bit 짹1 LSB INL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5780 Datasheet(HTML) 4 Page - Analog Devices

  AD5780 Datasheet HTML 1Page - Analog Devices AD5780 Datasheet HTML 2Page - Analog Devices AD5780 Datasheet HTML 3Page - Analog Devices AD5780 Datasheet HTML 4Page - Analog Devices AD5780 Datasheet HTML 5Page - Analog Devices AD5780 Datasheet HTML 6Page - Analog Devices AD5780 Datasheet HTML 7Page - Analog Devices AD5780 Datasheet HTML 8Page - Analog Devices AD5780 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5780
Data Sheet
Rev. C | Page 4 of 28
A, B Versions1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE INPUTS
VREFP Input Range
5
VDD − 2.5
V
VREFN Input Range
VSS + 2.5
0
V
Input Bias Current
−20
−0.63
+20
nA
−4
−0.63
+4
TA = 0°C to 105°C
Input Capacitance
1
pF
VREFP, VREFN
LOGIC INPUTS
Input Current5
−1
+1
μA
Input Low Voltage, VIL
0.3 × IOVCC
V
IOVCC = 1.71 V to 5.5 V
Input High Voltage, VIH
0.7 × IOVCC
V
IOVCC = 1.71 V to 5.5 V
Pin Capacitance
5
pF
LOGIC OUTPUT (SDO)
Output Low Voltage, VOL
0.4
V
IOVCC = 1.71 V to 5.5 V, sinking 1 mA
Output High Voltage, VOH
IOVCC − 0.5
V
IOVCC = 1.71 V to 5.5 V, sourcing 1 mA
High Impedance Leakage Current
±1
μA
High Impedance Output Capacitance
3
pF
POWER REQUIREMENTS
All digital inputs at DGND or IOVCC
VDD
7.5
VSS + 33
V
VSS
VDD − 33
−2.5
V
VCC
2.7
5.5
V
IOVCC
1.71
5.5
V
IOVCC ≤ VCC
IDD
10.3
14
mA
ISS
−10
−14
mA
ICC
600
900
μA
IOICC
52
140
μA
SDO disabled
DC Power Supply Rejection Ratio
±7.5
μV/V
∆VDD ± 10%, VSS = −15 V
±1.5
μV/V
∆VSS ± 10%, VDD = 15 V
AC Power Supply Rejection Ratio
90
dB
∆VDD ± 200 mV, 50 Hz/60 Hz, VSS = −15 V
90
dB
∆VSS ± 200 mV, 50 Hz/60 Hz, VDD = 15 V
1 Temperature range: −40°C to +125°C, typical conditions: TA = 25°C, VDD = +15 V, VSS = −15 V, VREFP = +10 V, VREFN = −10 V.
2 Performance characterized with the AD8675ARZ output buffer.
3 Linearity error refers to both INL error and DNL error, either parameter can be expected to drift by the amount specified after the length of time specified.
4 The AD5780 is configured in the unity-gain mode with a low-pass RC filter on the output. R = 300 Ω, C = 143 pF (total capacitance seen by the output buffer, lead
capacitance, and so forth).
5 Current flowing in an individual logic pin.


Similar Part No. - AD5780

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5780 AD-AD5780 Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5780 AD-AD5780 Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5780 AD-AD5780 Datasheet
668Kb / 27P
   Voltage Output DAC
AD5780ACPZ AD-AD5780ACPZ Datasheet
668Kb / 27P
   Voltage Output DAC
AD5780ACPZ-REEL7 AD-AD5780ACPZ-REEL7 Datasheet
668Kb / 27P
   Voltage Output DAC
More results

Similar Description - AD5780

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5790 AD-AD5790 Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5791ARUZ AD-AD5791ARUZ Datasheet
831Kb / 28P
   1 ppm 20-Bit, 짹1 LSB INL, Voltage Output DAC
REV. C
AD7690 AD-AD7690_15 Datasheet
587Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR
REV. C
AD7691 AD-AD7691_15 Datasheet
693Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. D
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7679 AD-AD7679 Datasheet
556Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD5781 AD-AD5781 Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD7678 AD-AD7678_15 Datasheet
362Kb / 28P
   18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_15 Datasheet
620Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com