Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9257 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9257
Description  Octal, 14-Bit, 40/65 MSPS, Serial LVDS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9257 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9257 Datasheet HTML 3Page - Analog Devices AD9257 Datasheet HTML 4Page - Analog Devices AD9257 Datasheet HTML 5Page - Analog Devices AD9257 Datasheet HTML 6Page - Analog Devices AD9257 Datasheet HTML 7Page - Analog Devices AD9257 Datasheet HTML 8Page - Analog Devices AD9257 Datasheet HTML 9Page - Analog Devices AD9257 Datasheet HTML 10Page - Analog Devices AD9257 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Data Sheet
AD9257
Rev. 0 | Page 7 of 40
Timing Diagrams
DCO–
DCO+
D– x
D+ x
FCO–
FCO+
VIN± x
CLK–
CLK+
MSB
N – 17
D12
N – 17
D11
N – 17
D10
N – 17
D9
N – 17
D8
N – 17
D7
N – 17
D6
N – 17
D5
N – 17
D4
N – 17
D3
N – 17
D2
N – 17
D0
N – 17
D1
N – 17
D12
N – 16
MSB
N – 16
N – 1
tA
tEH
tCPD
tFCO
tPD
tDATA
tFRAME
tEL
N
Figure 2. Word-Wise DDR,1× Frame, 14-Bit Output Mode
(Default)
DCO–
DCO+
D– x
D+ x
FCO–
FCO+
VIN± x
CLK–
CLK+
MSB
N – 17
D10
N – 17
D9
N – 17
D8
N – 17
D7
N – 17
D6
N – 17
D5
N – 17
D4
N – 17
D3
N – 17
D2
N – 17
D1
N – 17
D0
N – 17
D10
N – 16
MSB
N – 16
N – 1
N
tDATA
tFRAME
tFCO
tPD
tCPD
tEH
tA
tEL
Figure 3. Word-Wise DDR, 1× Frame, 12-Bit Output Mode
SYNC
CLK+
tHSYNC
tSSYNC
Figure 4. SYNC Input Timing Requirements


Similar Part No. - AD9257

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9257 AD-AD9257 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9257-65EBZ AD-AD9257-65EBZ Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9257BCPZ-40 AD-AD9257BCPZ-40 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9257BCPZ-65 AD-AD9257BCPZ-65 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9257BCPZRL7-40 AD-AD9257BCPZRL7-40 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9257

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9637 AD-AD9637 Datasheet
1Mb / 40P
   Octal, 12-Bit, 40/80 MSPS, Serial LVDS
REV. 0
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9249 AD-AD9249 Datasheet
1Mb / 36P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com