Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8676 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8676
Description  30 V, Low Noise, Rail-to-Rail
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8676 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8676 Datasheet HTML 3Page - Analog Devices AD8676 Datasheet HTML 4Page - Analog Devices AD8676 Datasheet HTML 5Page - Analog Devices AD8676 Datasheet HTML 6Page - Analog Devices AD8676 Datasheet HTML 7Page - Analog Devices AD8676 Datasheet HTML 8Page - Analog Devices AD8676 Datasheet HTML 9Page - Analog Devices AD8676 Datasheet HTML 10Page - Analog Devices AD8676 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADA4084-2
Rev. A | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
±1.5 V CHARACTERISTICS
120
0
–100
–50
50
0
100
VOS (µV)
20
40
60
80
100
ADA4084-2
VSY = ±1.5V
TA = 25°C
RL = ∞
–25
25
–75
75
Figure 3. Input Offset Voltage Distribution, SOIC
50
0
–100
–50
–25
25
–75
75
50
0
100
VOS (µV)
ADA4084-2
VSY = ±1.5V
TA = 25°C
RL = ∞
5
10
15
20
25
30
35
40
45
Figure 4. Input Offset Voltage Distribution, MSOP
60
0
0
2.0
TCVOS (µV/°C)
ADA4084-2
VSY = ±1.5V
TA = 25°C
RL = ∞
–40° ≤ TA ≤ +125°C
10
20
30
40
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Figure 5. TCVOS Distribution, SOIC
500
–500
0
0.50 0.75 1.00 1.25 1.50
0.25
3.00
2.75
2.50
2.25
2.00
1.75
COMMON-MODE VOLTAGE (V)
–400
–300
–200
–100
0
100
200
300
400
ADA4084-2
VSY = ±1.5V
TA = 25°C
RL = ∞
Figure 6. Input Offset Voltage vs. Common-Mode Voltage
–50
–100
–150
–200
–250
–40
125
TEMPERATURE (°C)
–25
–10
5
20
35
50
65
80
95
110
ADA4084-2
VSY = ±1.5V
VCM = 0V
RL = ∞
IB+
IB
Figure 7. Input Bias Current vs. Temperature
600
–600
–1.5
–1.0
1.0
–0.5
0.5
0
1.5
VCM (V)
–400
–200
0
200
400
TA = +85°C
TA = +25°C
TA = +125°C
TA = –40°C
ADA4084-2
VSY = ±1.5V
Figure 8. Input Bias Current vs. VCM and Temperature


Similar Part No. - AD8676

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8676 AD-AD8676 Datasheet
492Kb / 12P
   Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. 0
AD8676 AD-AD8676 Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD8676 AD-AD8676 Datasheet
1Mb / 24P
   Ultralow Noise Amplifier at Lower Power
REV. B
AD8676 AD-AD8676 Datasheet
303Kb / 12P
   36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676 Datasheet
343Kb / 19P
   Ultralow Distortion, Ultralow Noise Op Amp
More results

Similar Description - AD8676

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4084-2 AD-ADA4084-2_13 Datasheet
800Kb / 28P
   30 V, Low Noise, Rail-to-Rail I/O, Low Power Operational Amplifier
REV. C
ADA4084-1 AD-ADA4084-1 Datasheet
975Kb / 35P
   30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
ADA4610-2 AD-ADA4610-2_12 Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
AD8605 AD-AD8605_15 Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
AD8608 AD-AD8608_15 Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
AD8606 AD-AD8606_15 Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA2188 TI1-OPA2188 Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
logo
Analog Devices
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com