Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7816 Datasheet(PDF) 10 Page - Analog Devices

Part # ADE7816
Description  Six Current Channels, One Voltage Channel
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7816 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE7816 Datasheet HTML 6Page - Analog Devices ADE7816 Datasheet HTML 7Page - Analog Devices ADE7816 Datasheet HTML 8Page - Analog Devices ADE7816 Datasheet HTML 9Page - Analog Devices ADE7816 Datasheet HTML 10Page - Analog Devices ADE7816 Datasheet HTML 11Page - Analog Devices ADE7816 Datasheet HTML 12Page - Analog Devices ADE7816 Datasheet HTML 13Page - Analog Devices ADE7816 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
ADE7816
Data Sheet
Rev. 0 | Page 10 of 48
Pin No.
Mnemonic
Description
24
AVDD
On-Chip 2.5 V Analog Low Dropout (LDO) Regulator Access. Do not connect external active circuitry to this
pin. Decouple this pin with a 4.7 μF capacitor in parallel with a ceramic 220 nF capacitor.
25
AGND
Ground Reference. This pin provides the ground reference for the analog circuitry. Tie this pin to the analog
ground plane or to the quietest ground reference in the system. Use this quiet ground reference for all
analog circuitry, such as antialiasing filters and current and voltage transducers.
26
VDD
Supply Voltage. This pin provides the supply voltage and should be set at 3.3 V ± 10% for specified operation.
Decouple this pin to AGND with a 10 μF capacitor in parallel with a ceramic 100 nF capacitor.
27
CLKIN
Master Clock. An external clock can be provided at this logic input. Alternatively, a parallel resonant AT-cut
crystal can be connected across CLKIN and CLKOUT to provide a clock source for the ADE7816. The clock
frequency for specified operation is 16.384 MHz. Use ceramic load capacitors of a few tens of picofarads (pF)
with the gate oscillator circuit. Refer to the crystal manufacturer data sheet for load capacitance requirements.
28
CLKOUT
A crystal can be connected across this pin and CLKIN (as stated in the description for Pin 27) to provide
a clock source for the ADE7816. The CLKOUT pin can drive one CMOS load when either an external clock
is supplied at CLKIN or a crystal is being used.
29, 32
IRQ0, IRQ1
Interrupt Request Outputs. These are active low logic outputs. See the
Communication section for a detailed
presentation of the events that can trigger interrupts.
35
HSCLK
Serial Clock Output for the HSDC Port.
36
SCLK/SCL
Serial Clock Input for the SPI Port/Serial Clock Input for the I2C Port. All serial data transfers are synchronized to
this clock (see the Serial Interfaces section). This pin has a Schmidt trigger input for use with a clock source
that has a slow edge transition time (for example, opto-isolator outputs).
37
MISO/HSD
Data Output for SPI Port/Data Output for HSDC Port.
38
MOSI/SDA
Data Input for SPI Port/Data Output for I2C Port.
39
SS/HSA
Slave Select for SPI Port/HSDC Port Active.
EP
Exposed
Pad
Exposed Pad. Create a similar pad on the PCB under the exposed pad. Solder the exposed pad to the pad on
the PCB to confer mechanical strength to the package. Do not connect the pads to AGND.


Similar Part No. - ADE7816

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7858 AD-ADE7858 Datasheet
1Mb / 76P
   Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
Rev. PrA
ADE7858ACPZ AD-ADE7858ACPZ Datasheet
1Mb / 76P
   Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
Rev. PrA
ADE7858ACPZ-REF AD-ADE7858ACPZ-REF Datasheet
1Mb / 76P
   Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
Rev. PrA
ADE7858ACPZ-RL AD-ADE7858ACPZ-RL Datasheet
1Mb / 76P
   Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
Rev. PrA
ADE7878 AD-ADE7878 Datasheet
1Mb / 92P
   Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
REV. 0
More results

Similar Description - ADE7816

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-240HXXXDT INVENTRONICS-EUC-240HXXXDT Datasheet
1Mb / 8P
   240W Six-channel Constant Current IP67 Driver
Rev. E
logo
Integrated Device Techn...
ZLED7022 IDT-ZLED7022 Datasheet
294Kb / 14P
   Low-Voltage Six-Channel LED Driver
logo
List of Unclassifed Man...
ZLED7022 ETC2-ZLED7022 Datasheet
433Kb / 16P
   Low-Voltage Six-Channel LED Driver
logo
Renesas Technology Corp
ZLED7022 RENESAS-ZLED7022 Datasheet
469Kb / 15P
   Low-Voltage Six-Channel LED Driver
April 20, 2016
logo
Sanyo Semicon Device
STK403-430 SANYO-STK403-430 Datasheet
135Kb / 8P
   Six-Channel Class AB Audio Power Amplifier IC 20 W X 6 Channels
logo
FOTEK CONTROLS CO., LTD...
CT-6P FOTEK-CT-6P Datasheet
929Kb / 4P
   Six ports current detector
logo
PHOENIX CONTACT
PLC-2RPT-24DC PHOENIX-PLC-2RPT-24DC Datasheet
78Kb / 4P
   Two switching channels in one 6.2 mm housing
logo
List of Unclassifed Man...
BT-610 ETC2-BT-610 Datasheet
97Kb / 2P
   compact battery operated particle counter with six selectable size channels
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
logo
IK Semicon Co., Ltd
IK2804D IKSEMICON-IK2804D Datasheet
340Kb / 12P
   4 constant-current output channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com