Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4196BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4196BCPZ
Description  Low Phase Noise, Fast Settling, 6 GHz
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4196BCPZ Datasheet(HTML) 4 Page - Analog Devices

  ADF4196BCPZ Datasheet HTML 1Page - Analog Devices ADF4196BCPZ Datasheet HTML 2Page - Analog Devices ADF4196BCPZ Datasheet HTML 3Page - Analog Devices ADF4196BCPZ Datasheet HTML 4Page - Analog Devices ADF4196BCPZ Datasheet HTML 5Page - Analog Devices ADF4196BCPZ Datasheet HTML 6Page - Analog Devices ADF4196BCPZ Datasheet HTML 7Page - Analog Devices ADF4196BCPZ Datasheet HTML 8Page - Analog Devices ADF4196BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADF4196
Data Sheet
Rev. B | Page 4 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SW1, SW2, AND SW3
On Resistance
SW1 and SW2
65
SW3
75
NOISE CHARACTERISTICS
Output
900 MHz2
−108
dBc/Hz
At 5 kHz offset and 26 MHz PFD frequency
1800 MHz3
−102
dBc/Hz
At 5 kHz offset and 13 MHz PFD frequency
Phase Noise
Normalized Phase Noise Floor
(PNSYNTH)4
−216
dBc/Hz
At VCO output with dither off, PLL loop
bandwidth = 500 kHz
Normalized 1/f Noise (PN1_f)5
−110
dBc/Hz
Measured at 10 kHz offset, normalized to 1 GHz
1
Choose a prescaler value that ensures that the frequency on the RF input is less than the maximum allowable prescaler frequency (750 MHz).
2
fREFIN = 26 MHz; fSTEP = 200 kHz; fRF = 900 MHz; loop bandwidth = 40 kHz.
3
fREFIN = 13 MHz; fSTEP = 200 kHz; fRF = 1800 MHz; loop bandwidth = 60 kHz.
4
The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 log(N) (where N is the N divider
value) and 10 log(fPFD). PNSYNTH = PNTOT − 10 log(fPFD) − 20 log(N).
5
The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at an RF frequency,
fRF, and at an offset frequency, f, is given by PN = P1_f + 10 log(10 kHz/f) + 20 log(fRF/1 GHz). Both the normalized phase noise floor and flicker noise are modeled in
ADIsimPLL™.
TIMING CHARACTERISTICS
AVDD = DVDD1, DVDD2, DVDD3 = 3 V ± 10%; VP1, VP2 = 5 V ± 10%; VP3 = 5.35 V ± 5%; AGND1, AGND2 = DGND1, DGND2, DGND3 = 0 V;
RSET = 2.4 kΩ; dBm referred to 50 Ω; TA = TMIN to TMAX, unless otherwise noted. Operating temperature = −40°C to +85°C.
Table 2.
Parameter
Limit
Description
t1
10 ns min
LE setup time
t2
10 ns min
DATA to CLK setup time
t3
10 ns min
DATA to CLK hold time
t4
15 ns min
CLK high duration
t5
15 ns min
CLK low duration
t6
10 ns min
CLK to LE setup time
t7
15 ns min
LE pulse width
Timing Diagram
CLK
DATA
DB23
(MSB)
DB22
DB1 (LSB)
(CONTROL BIT C2)
DB2 (LSB)
(CONTROL BIT C3)
DB0 (LSB)
(CONTROL BIT C1)
LE
LE
t2
t4
t5
t3
t7
t6
t1
Figure 2. Timing Diagram


Similar Part No. - ADF4196BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4196BCPZ AD-ADF4196BCPZ Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
ADF4196BCPZ-RL7 AD-ADF4196BCPZ-RL7 Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
More results

Similar Description - ADF4196BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4196 AD-ADF4196_15 Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
ADF4193 AD-ADF4193 Datasheet
590Kb / 28P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
REV. B
ADF4193 AD-ADF4193_15 Datasheet
922Kb / 32P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
Rev. F
logo
Qorvo, Inc
CMD245C4 QORVO-CMD245C4 Datasheet
250Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
CMD245 QORVO-CMD245 Datasheet
305Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
logo
Custom MMIC Design Serv...
CMD245C4 MMIC-CMD245C4 Datasheet
255Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
CMD245 MMIC-CMD245 Datasheet
310Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
logo
Hittite Microwave Corpo...
HMC-C072 HITTITE-HMC-C072_10 Datasheet
339Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C072 HITTITE-HMC-C072 Datasheet
336Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
logo
Analog Devices
ADL8150ACHIP AD-ADL8150ACHIP Datasheet
289Kb / 14P
   GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com