Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4940-1ARZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4940-1ARZ-R7
Description  Ultralow Power, Low Distortion
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4940-1ARZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4940-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4940-1ARZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADA4940-1/ADA4940-2
Data Sheet
Rev. B | Page 10 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±2.5 V, G = 1, RF = RG = 1 kΩ, RT = 52.3 Ω (when used), RL = 1 kΩ, unless otherwise noted. See Figure 59 and Figure 60 for the
test circuits.
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 0.1V p-p
G = 2, RL = 1kΩ
G = 2, RL = 200Ω
G = 1, RL = 200Ω
G = 1, RL = 1kΩ
Figure 7. Small Signal Frequency Response for Various Gains and Loads
(LFCSP)
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
0.1
1
10
100
1000
FREQUENCY (MHz)
VOUT, dm = 0.1V p-p
VS = ±3.5V
VS = ±2.5V
VS = ±1.5V
Figure 8. Small Signal Frequency Response for Various Supplies (LFCSP)
Figure 9. Small Signal Frequency Response for Various Temperatures (LFCSP)
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT = 2V p-p
G = 2, RL = 1kΩ
G = 1, RL = 1kΩ
G = 1, RL = 200Ω
G = 2, RL = 200Ω
Figure 10. Large Signal Frequency Response for Various Gains and Loads
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
0.1
1
10
100
1000
FREQUENCY (MHz)
VOUT = 2V p-p
VS = ±3.5V
VS = ±2.5V
VS = ±1.5V
Figure 11. Large Signal Frequency Response for Various Supplies
3
–9
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 2V p-p
–40°C
+25°C
+125°C
Figure 12. Large Signal Frequency Response for Various Temperatures
3
–9
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 0.1V p-p
–40°C
+25°C
+125°C


Similar Part No. - ADA4940-1ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4940-1ARZ-R7 AD-ADA4940-1ARZ-R7 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
ADA4940-1ARZ-R7 AD-ADA4940-1ARZ-R7 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
More results

Similar Description - ADA4940-1ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4940-1 AD-ADA4940-1_18 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
ADA4940-1 AD-ADA4940-1_16 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
ADA4857-1 AD-ADA4857-1 Datasheet
584Kb / 20P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
REV. 0
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
ADA4857-1 AD-ADA4857-1_17 Datasheet
552Kb / 21P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
AD8375 AD-AD8375_1 Datasheet
792Kb / 24P
   Ultralow Distortion IF VGA
REV. 0
AD8375 AD-AD8375_17 Datasheet
735Kb / 24P
   Ultralow Distortion IF VGA
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com