Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5236 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG5236
Description  High Voltage Latch-Up Proof
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5236 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG5236 Datasheet HTML 2Page - Analog Devices ADG5236 Datasheet HTML 3Page - Analog Devices ADG5236 Datasheet HTML 4Page - Analog Devices ADG5236 Datasheet HTML 5Page - Analog Devices ADG5236 Datasheet HTML 6Page - Analog Devices ADG5236 Datasheet HTML 7Page - Analog Devices ADG5236 Datasheet HTML 8Page - Analog Devices ADG5236 Datasheet HTML 9Page - Analog Devices ADG5236 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADG5236
Data Sheet
Rev. A | Page 6 of 20
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
Off Isolation
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 28
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 26
−3 dB Bandwidth
185
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 29
Insertion Loss
−11
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 29
CS (Off)
3
pF typ
VS = 6 V, f = 1 MHz
CD (Off)
16
pF typ
VS = 6 V, f = 1 MHz
CD (On), CS (On)
16
pF typ
VS = 6 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V
IDD
40
µA typ
Digital inputs = 0 V or VDD
65
µA max
VDD
9/40
V min/V max
GND = 0 V, VSS = 0 V
1
Guaranteed by design; not subject to production test.
36 V SINGLE SUPPLY
VDD = 36 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 4.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V max
On Resistance, RON
150
Ω typ
VS = 0 V to 30 V, IS = −1 mA,
see Figure 25
170
215
245
Ω max
VDD = 32.4 V, VSS = 0 V
On-Resistance Match
Between Channels, ∆RON
1.4
Ω typ
VS = 0 V to 30 V, IS = −1 mA
8
9
10
Ω max
On-Resistance Flatness, RFLAT(ON)
35
Ω typ
VS = 0 V to 30 V, IS = −1 mA
50
60
65
Ω max
LEAKAGE CURRENTS
VDD = 39.6 V, VSS = 0 V
Source Off Leakage, IS (Off)
0.01
nA typ
VS = 1 V/30 V, VD = 30 V/1 V,
see Figure 27
0.1
0.2
0.4
nA max
Drain Off Leakage, ID (Off)
0.01
nA typ
VS = 1 V/30 V, VD = 30 V/1 V,
see Figure 27
0.1
0.4
1.2
nA max
Channel On Leakage, ID (On), IS (On)
0.02
nA typ
VS = VD = 1 V/30 V, see Figure 24
0.2
0.4
1.2
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
µA typ
VIN = VGND or VDD
±0.1
µA max
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
180
ns typ
RL = 300 Ω, CL = 35 pF
250
275
305
ns max
VS = 18 V, see Figure 30
tON
170
ns typ
RL = 300 Ω, CL = 35 pF
225
265
295
ns max
VS = 18 V, see Figure 32


Similar Part No. - ADG5236

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5236 AD-ADG5236 Datasheet
1Mb / 12P
   Devices Connected
More results

Similar Description - ADG5236

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
   High Voltage, Latch-Up Proof, Triple SPDT Switches
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
   High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5404BRUZ AD-ADG5404BRUZ Datasheet
481Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com