Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A103KCWZQ0Q Datasheet(PDF) 11 Page - Tyco Electronics

Part # A103KCWZQ0Q
Description  Toggle Switches, A Series, Part Number Matrix
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A103KCWZQ0Q Datasheet(HTML) 11 Page - Tyco Electronics

Back Button A103KCWZQ0Q Datasheet HTML 5Page - Tyco Electronics A103KCWZQ0Q Datasheet HTML 6Page - Tyco Electronics A103KCWZQ0Q Datasheet HTML 7Page - Tyco Electronics A103KCWZQ0Q Datasheet HTML 8Page - Tyco Electronics A103KCWZQ0Q Datasheet HTML 9Page - Tyco Electronics A103KCWZQ0Q Datasheet HTML 10Page - Tyco Electronics A103KCWZQ0Q Datasheet HTML 11Page - Tyco Electronics A103KCWZQ0Q Datasheet HTML 12Page - Tyco Electronics A103KCWZQ0Q Datasheet HTML 13Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
C32
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
Gemini Series
Toggle Switches, A Series, Right Angle, Short Bat Actuators
SEE PAGE C22 FOR PRODUCT SPECIFICATIONS
SPDT
DPDT
SPDT
DPDT
Tyco
Alcoswitch
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
Electronics
Silver Contacts
Gold Contacts
1-1437554-6
A101MD9AQ
1-1437554-4 A101MD9AB
SPDT
1
On None On
6-1437554-1
A103MD9AQ
5-1437554-9 A103MD9AB
SPDT
5
On Off On
A108MD9AQ
1-1437555-2 A108MD9AB
SPDT
1
On None (On)
Tyco
Alcoswitch
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
Electronics
Silver Contacts
Gold Contacts
1-1437554-9
A101MD9AV2Q 1-1437554-7 A101MD9AV2B SPDT
1
On None On
A103MD9AV2Q 6-1437554-2 A103MD9AV2B SPDT
5
On Off On
A108MD9AV2Q
SPDT
1
On None (On)
Tyco
Alcoswitch
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
Electronics
Silver Contacts
Gold Contacts
3-1437555-0
A201MD9AV2Q 2-1437555-9 A201MD9AV2B DPDT
2
On None On
A203MD9AV2Q
A203MD9AV2B DPDT
6
On Off On
A208MD9AV2Q
A208MD9AV2B DPDT
2
On None (On)
Tyco
Alcoswitch
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
Electronics
Silver Contacts
Gold Contacts
2-1437555-8
A201MD9AQ
2-1437555-7 A201MD9AB
DPDT
2
On None On
5-1437555-4 A203MD9AB
DPDT
6
On Off On
A201MD9AQ
Horizontal Actuation
A101MD9AQ
Horizontal Actuation
A101MD9AV2Q
Vertical Actuation
A201MD9AV2AQ
Vertical Actuation
.500
(12.7)
.200
(5.08)
.185
(4.70)
Typ.
.073
(1.85) Dia.
32 1
.205
(5.21)
.048
(1.22)
.200
(5.08)
.270
(6.86)
.280
(7.11)
.500
(12.70)
.050
(1.27)
.185
(4.70)
Typ.
.030
(0.76)
.500
(12.70)
.270
(6.86)
.125
(3.18)
Keyway
.453
(11.53)
.200
(5.08)
.500
(12.70)
Epoxy Seal
.270
(6.86)
.280
(7.11)
.500
(12.70)
.150
(3.81)
.050
(1.27)
Typ.
.040
(1.02)
.185
(4.70)
Typ.
.030
(0.76)
.205
(5.21)
.500
(12.7)
.200
(5.08)
.185
(4.70)
Typ.
.073
(1.85)
Dia.
.150
(3.81)
65
4
32
1
.048
(1.22)
Keyway
3
.500
(12.7)
.200
(5.08)
.073
(1.85)
Dia.
TYP.
2
1
.150
(3.81)
.040
(1.02)
.287
(7.30)
.050
(1.26)
.150
(3.81)
.200
(5.08)
.500
(12.7)
.910
(23.0) Ref.
.270
(6.86)
.252
(6.40)
Dia.
.106
(2.70)
Dia.
25˚
.016
(0.40)
.031
(0.81)
Typ.
Epoxy Seal
.125
(3.18)
.048
(1.22)
Typ.
.496
(12.6)
.126
(3.20)
Keyway
3
.500
(12.7)
.200
(5.08)
.073
(1.85)
Dia.
2
1
.150
(3.81)
.453
(11.50)
.287
(7.30)
.050
(1.26)
.150
(3.81)
.200
(5.08)
.500
(12.7)
.910
(23.0) Ref.
.270
(6.86)
.252
(6.40)
Dia.
.106
(2.70)
Dia.
25˚
.016
(0.40)
.031
(0.81)
Typ.
Epoxy Seal
.125
(3.18)
.048
(1.22)
Typ.
.040
(1.02)
.500
(12.70)
.190
(4.83)
6
5
4
.190
(4.80)
Keyway
* Refer to Pages C22-C26 for
Additional Options *


Similar Part No. - A103KCWZQ0Q

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A103K15X7RF5TAA VISHAY-A103K15X7RF5TAA Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
logo
List of Unclassifed Man...
A103K15X7RF5UAA ETC1-A103K15X7RF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
A103K15X7RH5UAA ETC1-A103K15X7RH5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
logo
Vishay Siliconix
A103K20C0GF5TAA VISHAY-A103K20C0GF5TAA Datasheet
102Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose
Revision: 16-Aug-12
More results

Similar Description - A103KCWZQ0Q

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437555-5 MACOM-2-1437555-5 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437555-0 MACOM-2-1437555-0 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437554-9 MACOM-2-1437554-9 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
TT11EGRA1 MACOM-TT11EGRA1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TT-SERIES MACOM-TT-SERIES Datasheet
947Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-5 MACOM-2-1437561-5 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-7 MACOM-2-1437561-7 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-1 MACOM-2-1437562-1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-4 MACOM-2-1437562-4 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-3 MACOM-2-1437561-3 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com