Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16480AMLZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16480AMLZ
Description  Ten Degrees of Freedom Inertial Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16480AMLZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16480AMLZ Datasheet HTML 3Page - Analog Devices ADIS16480AMLZ Datasheet HTML 4Page - Analog Devices ADIS16480AMLZ Datasheet HTML 5Page - Analog Devices ADIS16480AMLZ Datasheet HTML 6Page - Analog Devices ADIS16480AMLZ Datasheet HTML 7Page - Analog Devices ADIS16480AMLZ Datasheet HTML 8Page - Analog Devices ADIS16480AMLZ Datasheet HTML 9Page - Analog Devices ADIS16480AMLZ Datasheet HTML 10Page - Analog Devices ADIS16480AMLZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Data Sheet
ADIS16480
Rev. 0 | Page 7 of 40
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Acceleration
Any Axis, Unpowered
2000 g
Any Axis, Powered
2000 g
VDD to GND
−0.3 V to +3.6 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.2 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.2 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C1
Barometric Pressure
2 bar
1
Extended exposure to temperatures that are lower than −40°C or higher
than +105°C can adversely affect the accuracy of the factory calibration.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4. Package Characteristics
Package Type
θJA
θJC
Device
Weight
24-Lead Module (ML-24-6)
22.8°C/W
10.1°C/W
48 g
ESD CAUTION


Similar Part No. - ADIS16480AMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16480AMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
   Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
   Tactical Grade, Ten Degrees of Freedom Inertial Sensor
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
   Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
   Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16489 AD-ADIS16489 Datasheet
992Kb / 40P
   Seven Degrees of Freedom Inertial Sensor
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com