Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB80C515-M Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # SAB80C515-M
Description  8-Bit CMOS Single-Chip Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB80C515-M Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button SAB80C515-M Datasheet HTML 7Page - Siemens Semiconductor Group SAB80C515-M Datasheet HTML 8Page - Siemens Semiconductor Group SAB80C515-M Datasheet HTML 9Page - Siemens Semiconductor Group SAB80C515-M Datasheet HTML 10Page - Siemens Semiconductor Group SAB80C515-M Datasheet HTML 11Page - Siemens Semiconductor Group SAB80C515-M Datasheet HTML 12Page - Siemens Semiconductor Group SAB80C515-M Datasheet HTML 13Page - Siemens Semiconductor Group SAB80C515-M Datasheet HTML 14Page - Siemens Semiconductor Group SAB80C515-M Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
SAB 80C515/80C535
Semiconductor Group
10
XTAL2
XTAL1
39
40
36
37
XTAL2
Input to the inverting oscillator amplifier
and input to the internal clock generator
circuits.
XTAL1
Output of the inverting oscillator amplifier.
To drive the device from an external clock
source, XTAL2 should be driven, while
XTAL1 is left unconnected. There are no
requirements on the duty cycle of the
external clock signal, since the input to the
internal clocking circuitry is divided down
by a divide-by-two flip-flop. Minimum and
maximum high and low times and rise/fall
times specified in the AC characteristics
must be observed.
P2.0-P2.7 41-48
38-45
I/O
Port 2
is an 8-bit bidirectional I/O port with
internal pullup resistors. Port 2 pins that
have 1's written to them are pulled high by
the internal pullup resistors, and in that
state can be used as inputs. As inputs,
port 2 pins being externally pulled low will
source current (I I L, in the DC
characteristics) because of the internal
pullup resistors.
Port 2 emits the high-order address byte
during fetches from external program
memory and during accesses to external
data memory that use 16-bit addresses
(MOVX@DPTR). In this application it
uses strong internal pullup resistors when
issuing 1's. During accesses to external
data memory that use 8-bit addresses
(MOVX@Ri), port 2 issues the contents of
the P2 special function register.
Pin Definitions and Functions (cont’d)
Symbol
Pin
P-LCC-68
Pin
P-MQFP-80
Input (I)
Output (O)
Function


Similar Part No. - SAB80C515-M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515-16 INFINEON-SAB80C515-16 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
More results

Similar Description - SAB80C515-M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com