Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5357 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5357
Description  2300 MHz to 2900 MHz Balanced Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5357 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5357 Datasheet HTML 2Page - Analog Devices ADL5357 Datasheet HTML 3Page - Analog Devices ADL5357 Datasheet HTML 4Page - Analog Devices ADL5357 Datasheet HTML 5Page - Analog Devices ADL5357 Datasheet HTML 6Page - Analog Devices ADL5357 Datasheet HTML 7Page - Analog Devices ADL5357 Datasheet HTML 8Page - Analog Devices ADL5357 Datasheet HTML 9Page - Analog Devices ADL5357 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADL5363
Rev. 0 | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NOTES
1.
2
NC = NO CONNECT. DO NOT CONNECT
TO THIS PIN.
. EXPOSED PAD. MUST BE SOLDERED
TO GROUND.
1
VPMX
2
RFIN
3
RFCT
4
COMM
5
COMM
13 VGS1
14 VPSW
15 LOI2
12 VGS0
11 LOI1
TOP VIEW
(Not to Scale)
ADL5363
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VPMX
Positive Supply Voltage.
2
RFIN
RF Input. Must be ac-coupled.
3
RFCT
RF Balun Center Tap (AC Ground).
4, 5,16
COMM
Device Common (DC Ground).
6, 8
VLO3, VLO2
Positive Supply Voltages for LO Amplifier.
7
LGM3
LO Amplifier Bias Control.
9
LOSW
LO Switch. LOI1 selected for 0 V, and LOI2 selected for 3 V.
10
NC
No Connect.
11, 15
LOI1, LOI2
LO Inputs. Must be ac-coupled.
12, 13
VGS0, VGS1
Mixer Gate Bias Controls. 3 V logic. Ground these pins for nominal setting.
14
VPSW
Positive Supply Voltage for LO Switch.
17
PWDN
Power Down. Connect this pin to ground for normal operation and connect this pin to 3.0 V for disable mode.
18, 19
IFON, IFOP
Differential IF Outputs.
20
VCMI
No Connect. This pin can be grounded.
EPAD (EP)
Exposed pad. Must be soldered to ground.


Similar Part No. - ADL5357

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5357 AD-ADL5357 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
ADL5357 AD-ADL5357 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
ADL5357-EVALZ1 AD-ADL5357-EVALZ1 Datasheet
593Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5357ACPZ-R7 AD-ADL5357ACPZ-R7 Datasheet
593Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
More results

Similar Description - ADL5357

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX190H-1225 MACOM-MA4EX190H-1225 Datasheet
120Kb / 3P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
MA4EXP190H-1225 MACOM-MA4EXP190H-1225 Datasheet
104Kb / 4P
   Silicon Double Balanced HMIC Mixer, 2000 - 2300 MHz
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T MA-COM-MA4EX190H1-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
Tyco Electronics
MA4EX190L-1225 MACOM-MA4EX190L-1225 Datasheet
126Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
logo
M/A-COM Technology Solu...
MA4EX190H-1225T MA-COM-MA4EX190H-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMICTM Mixer 1700 - 2300 MHz
MA4EX190L-1225T MA-COM-MA4EX190L-1225T Datasheet
75Kb / 2P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
Tyco Electronics
MA4EX190H1-1225T MACOM-MA4EX190H1-1225T Datasheet
90Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
MA4EXP240L-1277 MACOM-MA4EXP240L-1277 Datasheet
136Kb / 6P
   Silicon Double Balanced HMIC Mixer 2300 - 2800 MHz
MAMX-090240-1277MT MACOM-MAMX-090240-1277MT Datasheet
400Kb / 5P
   Silicon Doubled Balanced HMIC Mixer 2300 - 2800 MHz
logo
Cree, Inc
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com