Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1075 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 3 Page - Analog Devices

  ADM1075 Datasheet HTML 1Page - Analog Devices ADM1075 Datasheet HTML 2Page - Analog Devices ADM1075 Datasheet HTML 3Page - Analog Devices ADM1075 Datasheet HTML 4Page - Analog Devices ADM1075 Datasheet HTML 5Page - Analog Devices ADM1075 Datasheet HTML 6Page - Analog Devices ADM1075 Datasheet HTML 7Page - Analog Devices ADM1075 Datasheet HTML 8Page - Analog Devices ADM1075 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
Data Sheet
ADM1075
Rev. A | Page 3 of 52
Power Monitor Configuration Register ...................................45
 
ALERT1 Configuration Register...............................................46
 
ALERT2 Configuration Register...............................................47
 
IOUT WARN2 Limit Register ...................................................48
 
Device Configuration Register..................................................48
 
Power Cycle Register ..................................................................49
 
Peak PIN Register .......................................................................49
 
Read PIN_EXT Register.............................................................49
 
Read EIN_EXT Register ............................................................49
 
Read VAUX Register...................................................................50
 
VAUX OV Warn Limit Register................................................50
 
VAUX UV Warn Limit Register................................................50
 
VAUX Status Register .................................................................50
 
Outline Dimensions........................................................................51
 
Ordering Guide ...........................................................................51
 
REVISION HISTORY
4/12—Rev. 0 to Rev. A
Added 28-Lead LFCSP ...................................................... Universal
Changes to Features Section and Product Highlights Section....1
Change to Test Conditions/Comments column for GATE
Pin Parameter ....................................................................................4
Changes to ADC Conversion Time comments in Table 1...........8
Changes to Table 4 ..........................................................................10
Added Figure 4; Renumbered Sequentially; and changes to
Table 5 ...............................................................................................11
Changes to Current Limit Reference Section ..............................21
Changes to Voltage and Current Conversion Using LSB
Values Section ..................................................................................35
Changes to Table 8 ..........................................................................38
Changes to Table 20 ........................................................................43
Changes to Table 25 through Table 27 .........................................44
Changes to Table 32 ........................................................................45
Changes to Table 38 and Table 39 .................................................49
Changes to Outline Dimensions and Ordering Guide...............51
10/11—Revision 0: Initial Version


Similar Part No. - ADM1075

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
ADM1075 AD-ADM1075 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
More results

Similar Description - ADM1075

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
logo
Texas Instruments
TPS23523 TI1-TPS23523 Datasheet
2Mb / 38P
[Old version datasheet]   ??8-V Hot Swap and Single OR-ing Controller
TPS23525 TI1-TPS23525 Datasheet
2Mb / 39P
[Old version datasheet]   ??8-V Hot Swap and Dual OR-ing Controller
logo
Analog Devices
ADM1073 AD-ADM1073 Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
logo
Analog Devices
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com