Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP-I2C-USB-Z Datasheet(PDF) 6 Page - Analog Devices

Part # ADP-I2C-USB-Z
Description  Digital Controller for Isolated
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP-I2C-USB-Z Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP-I2C-USB-Z Datasheet HTML 2Page - Analog Devices ADP-I2C-USB-Z Datasheet HTML 3Page - Analog Devices ADP-I2C-USB-Z Datasheet HTML 4Page - Analog Devices ADP-I2C-USB-Z Datasheet HTML 5Page - Analog Devices ADP-I2C-USB-Z Datasheet HTML 6Page - Analog Devices ADP-I2C-USB-Z Datasheet HTML 7Page - Analog Devices ADP-I2C-USB-Z Datasheet HTML 8Page - Analog Devices ADP-I2C-USB-Z Datasheet HTML 9Page - Analog Devices ADP-I2C-USB-Z Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 6 of 96
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
VS3 HIGH SPEED ADC
Equivalent Sampling
Frequency
fSAMP
fSW
kHz
Equivalent Resolution
fSW = 390.6 kHz
6
Bits
Dynamic Range
±30
mV
VS1 FAST OVP COMPARATOR
Threshold Accuracy
Factory trimmed at 1.2 V
1
1.25
%
Propagation Delay
Does not include debounce time
(Register 0x0A[7] = 1)
40
ns
VS1 UVP DIGITAL COMPARATOR
VS1 UVP Accuracy
−2.0
+2.0
% FSR
Propagation Delay
Does not include debounce time
(Register 0x0B[3] = 1)
80
ns
AC SENSE COMPARATOR
PWM and resonant mode
Input Voltage Threshold
0.4
0.45
0.5
V
Propagation Delay
From ACSNS threshold to SRx rising edge
(resonant mode only)
160
ns
ADC Clock Frequency
1.56
MHz
Input Voltage Range
VACSNS
0
1
1.6
V
Usable Input Voltage Range
0
1.4
V
Sampling Frequency for I2C
Reporting
100
Hz
Sampling Period for
Feedforward
Equivalent resolution is 11 bits
10
μs
Measurement Accuracy
Factory trimmed at 1.0 V
0% to 100% of usable input voltage range
−5.0
+3.0
% FSR
10% to 90% of usable input voltage range
−2.0
+2.0
% FSR
900 mV to 1.1 V
−1.0
+1.0
% FSR
−16
+16
mV
Leakage Current
1.0
μA
CURRENT SENSE 1 (CS1 PIN)
Input Voltage Range
VIN
0
1
1.4
V
Usable Input Voltage Range
0
1.3
V
ADC Clock Frequency
1.56
MHz
Register Update Rate
10
ms
Current Sense Measurement
Accuracy
Factory trimmed at 0.7 V; tested under dc
input conditions
10% to 50% of usable input voltage range
−3.0
+3.0
% FSR
−41.4
+41.4
mV
0% to 100% of usable input voltage range
−6.0
+3.0
% FSR
−84
+42
mV
40% to 60% of usable input voltage range
−1.0
+1.0
% FSR
Current Sense Measurement
Resolution
12
Bits
CS1 Fast OCP Threshold
1.18
1.2
1.21
V
CS1 Fast OCP Speed
80
100
ns
CS1 Accurate OCP DC Accuracy
10% to 90% of usable input voltage range
−2.0
+2.0
% FSR
−28
+28
mV
CS1 Accurate OCP Speed
2.62
5.24
ms
Leakage Current
1.0
μA


Similar Part No. - ADP-I2C-USB-Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP-I2C-USB-Z AD-ADP-I2C-USB-Z Datasheet
1Mb / 84P
   Digital Power Factor Correction Controller
REV. 0
ADP-I2C-USB-Z AD-ADP-I2C-USB-Z Datasheet
1Mb / 84P
   3-Channel Digital
REV. A
ADP-I2C-USB-Z AD-ADP-I2C-USB-Z Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP-I2C-USB-Z AD-ADP-I2C-USB-Z Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP-I2C-USB-Z AD-ADP-I2C-USB-Z Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
More results

Similar Description - ADP-I2C-USB-Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138 Datasheet
1Mb / 68P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCC3138 TI1-UCC3138 Datasheet
1Mb / 78P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138128 TI-UCD3138128_15 Datasheet
2Mb / 80P
[Old version datasheet]   UCD3138x Highly-Integrated Digital Controller For Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com