Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1876 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1876
Description  600 kHz Dual Output Synchronous Buck
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876 Datasheet(HTML) 4 Page - Analog Devices

  ADP1876 Datasheet HTML 1Page - Analog Devices ADP1876 Datasheet HTML 2Page - Analog Devices ADP1876 Datasheet HTML 3Page - Analog Devices ADP1876 Datasheet HTML 4Page - Analog Devices ADP1876 Datasheet HTML 5Page - Analog Devices ADP1876 Datasheet HTML 6Page - Analog Devices ADP1876 Datasheet HTML 7Page - Analog Devices ADP1876 Datasheet HTML 8Page - Analog Devices ADP1876 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADP1876
Data Sheet
Rev. A | Page 4 of 24
SPECIFICATIONS
All limits at temperature extremes are guaranteed via correlation using standard statistical quality control. VIN = 12 V. The specifications
are valid for TJ = −40°C to +125°C, unless otherwise specified. Typical values are at TA = 25°C.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Input Voltage
V
IN
2.75
20
V
Undervoltage Lockout Threshold
IN
UVLO
V
IN rising
2.45
2.6
2.75
V
V
IN falling
2.4
2.5
2.6
Undervoltage Lockout Hysteresis
0.1
V
Quiescent Current
I
IN
EN1 = EN2 = V
IN = 12 V, VFB = VCCO
(no switching)
4.5
5.9
mA
Shutdown Current
I
IN_SD
EN1 = EN2 = GND, V
IN = 5.5 V or 20 V
100
200
µA
ERROR AMPLIFIER
FB Input Bias Current
I
FB
−100
+1
+100
nA
Transconductance
g
m
Sink or source 1 µA
385
550
715
µS
TRK1 Input Bias Current
I
TRK
0 V < V
TRK1 < 1.5 V
−100
+1
+100
nA
CURRENT SENSE AMPLIFIER GAIN
A
CS
Gain resistor connected to DLx,
R
CSG = 47 kΩ ± 5%
2.4
3
3.6
V/V
Gain resistor connected to DLx,
R
CSG = 22 kΩ ± 5%
5.2
6
6.9
V/V
Default setting, R
CSG = open
10.5
12
13.5
V/V
Gain resistor connected to DLx,
R
CSG = 100 kΩ ± 5%
20.5
24
26.5
V/V
OUTPUT CHARACTERICTISTICS
Feedback Accuracy Voltage
V
FB
T
J = −40°C to +85°C, VFB = 0.6 V
−0.85%
+0.6
+0.85%
V
T
J = −40°C to +125°C, VFB = 0.6 V
−1.5%
+0.6
+1.5%
V
Line Regulation of PWM
ΔV
FB/ΔVIN
±0.015
%/V
Load Regulation of PWM
ΔV
FB/ΔVCOMP
V
COMP range 0.9 V to 2.2 V
±0.3
%
Oscillator Frequency
f
OSC
475
600
690
kHz
LINEAR REGULATOR VCCO
VCCO Output Voltage
T
A = 25°C, IVCCO = 100 mA
4.8
5.0
5.18
V
T
J = −40°C to +125°C
4.7
5.0
5.3
V
VCCO Load Regulation
I
VCCO = 0 mA to 100 mA,
35
mV
VCCO Line Regulation
V
IN = 5.5 V to 20 V, IVCCO = 20 mA
10
mV
VCCO Short-Circuit Current1
VCCO < 0.5 V
370
400
mA
VIN to VCCO Dropout Voltage2
V
DROPOUT
I
VCCO = 100 mA, VIN ≤ 5 V
0.33
V
LOGIC INPUTS
EN1, EN2 Threshold
EN1/EN2 rising
0.57
0.63
0.68
V
EN1, EN2 Hysteresis
0.03
V
EN1, EN2 Input Leakage Current
I
EN
V
IN = 2.75 V to 20 V
1
200
nA
GATE DRIVERS (DHx, DLx PINS)
DHx Rise Time
C
DH = 3 nF, VBST − VSW = 5 V
16
ns
DHx Fall Time
C
DH = 3 nF, VBST − VSW = 5 V
14
ns
DLx Rise Time
C
DL = 3 nF
16
ns
DLx Fall Time
C
DL = 3 nF
14
ns
DHx to DLx Dead Time
External 3 nF capacitor is connected to
DHx and DLx
25
ns


Similar Part No. - ADP1876

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1870-0.3-EVALZ AD-ADP1870-0.3-EVALZ Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Cirrus Logic
ADP1870-0.3-EVALZ APEX-ADP1870-0.3-EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
logo
Analog Devices
ADP1870-0.6-EVALZ AD-ADP1870-0.6-EVALZ Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1870-1.0-EVALZ AD-ADP1870-1.0-EVALZ Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
More results

Similar Description - ADP1876

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP1206-B IRF-IRDCIP1206-B Datasheet
2Mb / 17P
   IRDCiP1206-B: 300 kHz, Dual Output, Synchronous Buck Converter using iP1206
logo
Linear Technology
LTC3855EFE LINER-LTC3855EFE Datasheet
312Kb / 12P
   Dual Output Synchronous Buck Converter
logo
Microchip Technology
MCP19035 MICROCHIP-MCP19035_14 Datasheet
455Kb / 24P
   MCP19035 600 kHz High-Voltage Synchronous Buck Controller Reference Design
03/25/14
logo
Linear Technology
LTC3850EUF LINER-LTC3850EUF Datasheet
432Kb / 10P
   Dual Phase/Dual Output Synchronous Buck Converter
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
logo
Texas Instruments
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 3A 500 kHz Synchronous Buck Regulator
logo
Sipex Corporation
SP6134H SIPEX-SP6134H Datasheet
141Kb / 14P
   High Voltage, 600 KHz Synchronous PWM Controller
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC2169 MICREL-MIC2169 Datasheet
160Kb / 14P
   500 KHZ PWM SYNCHRONOUS BUCK CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com