Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1876 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1876
Description  600 kHz Dual Output Synchronous Buck
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1876 Datasheet HTML 4Page - Analog Devices ADP1876 Datasheet HTML 5Page - Analog Devices ADP1876 Datasheet HTML 6Page - Analog Devices ADP1876 Datasheet HTML 7Page - Analog Devices ADP1876 Datasheet HTML 8Page - Analog Devices ADP1876 Datasheet HTML 9Page - Analog Devices ADP1876 Datasheet HTML 10Page - Analog Devices ADP1876 Datasheet HTML 11Page - Analog Devices ADP1876 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADP1876
Data Sheet
Rev. A | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
EN1
Enable Input for Channel 1. Drive EN1 high to turn on the Channel 1 controller, and drive it low to turn it off. Tie EN1
to VIN for automatic startup. For a precision UVLO, put an appropriately sized resistor divider from VIN to AGND and
tie the midpoint to this pin.
2
VIN
Connect to Main Power Supply. Bypass with a 1 μF or larger ceramic capacitor connected as close to this pin as
possible and PGNDx.
3
VINLDO
Input for Independent Linear Dropout (LDO) Regulator.
4
VOUTLDO
Output for Independent LDO Regulator.
5
VCCO
Output of the Internal LDO. The internal circuitry and gate drivers are powered from VCCO. Bypass VCCO to AGND
with a 1 μF or larger ceramic capacitor. The VCCO output is always active, even during fault conditions, and it
cannot be turned off even when EN1 or EN2 is low. For operation at VIN below 5 V, VIN can be jumped to VCCO. Do
not use the VCCO to power any other auxiliary system load.
6
VDL
Power Supply for the Low-Side Driver. Bypass VDL to PGNDx with a 1 μF ceramic capacitor. Connect VCCO to VDL.
7
AGND
Analog Ground.
8
NC
No connect. Do not connect to this pin.
9
EN2
Enable Input for Channel 2. Drive EN2 high to turn on the Channel 2 controller, and drive it low to turn off. Tie EN2
to VIN for automatic startup. For a precision UVLO, put an appropriately sized resistor divider from VIN to AGND and
tie the midpoint to this pin.
10
FB2
Output Voltage Feedback for Channel 2.
11
COMP2
Compensation Node for Channel 2. Output of the Channel 2 error amplifier. Connect a series resistor/capacitor
network from COMP2 to AGND to compensate the regulation control loop.
12
RAMP2
Programmable Current Setting for Slope Compensation of Channel 2. Connect a resistor from RAMP2 to VIN. The
voltage at RAMP2 is 0.2 V during operation. This pin is high impedance when the channel is disabled.
13
SS2
Soft Start Input for Channel 2. Connect a capacitor from SS2 to AGND to set the soft start period. This node is
internally pulled up to 3.2 V through a 6.5 µA current source.
14
PGOOD2
Open-Drain Power-Good Indicator Logic Output at PGOOD2. An internal 12 kΩ resistor is connected between
PGOOD2 and VCCO. PGOOD2 is pulled to ground when the Channel 2 output is outside the regulation window. An
external pull-up resistor is not required.
15
ILIM2
Current-Limit Sense Comparator Inverting Input for Channel 2. Connect a resistor between ILIM2 and SW2 to set
the current-limit offset. For accurate current-limit sensing, connect ILIM2 to a current sense resistor at the source of
the low-side MOSFET.
16
BST2
Boot Strapped Upper Rail of High-Side Internal Driver for Channel 2. Connect a 0.1 µF to 0.22 µF multilayer ceramic
capacitor (MLCC) between BST2 and SW2. There is an internal boost rectifier connected between VDL and BST2.
24 SW1
23 DH1
22 PGND1
21 DL1
20 DL2
19 PGND2
18 DH2
17 SW2
1
2
3
4
5
6
7
8
EN1
VIN
VINLDO
VOUTLDO
VCCO
VDL
AGND
NC
ADP1876
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. CONNECT THE BOTTOM EXPOSED PAD OF THE
LFCSP PACKAGE TO SYSTEM AGND PLANE.


Similar Part No. - ADP1876

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1870-0.3-EVALZ AD-ADP1870-0.3-EVALZ Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Cirrus Logic
ADP1870-0.3-EVALZ APEX-ADP1870-0.3-EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
logo
Analog Devices
ADP1870-0.6-EVALZ AD-ADP1870-0.6-EVALZ Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1870-1.0-EVALZ AD-ADP1870-1.0-EVALZ Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
More results

Similar Description - ADP1876

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP1206-B IRF-IRDCIP1206-B Datasheet
2Mb / 17P
   IRDCiP1206-B: 300 kHz, Dual Output, Synchronous Buck Converter using iP1206
logo
Linear Technology
LTC3855EFE LINER-LTC3855EFE Datasheet
312Kb / 12P
   Dual Output Synchronous Buck Converter
logo
Microchip Technology
MCP19035 MICROCHIP-MCP19035_14 Datasheet
455Kb / 24P
   MCP19035 600 kHz High-Voltage Synchronous Buck Controller Reference Design
03/25/14
logo
Linear Technology
LTC3850EUF LINER-LTC3850EUF Datasheet
432Kb / 10P
   Dual Phase/Dual Output Synchronous Buck Converter
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
logo
Texas Instruments
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 3A 500 kHz Synchronous Buck Regulator
logo
Sipex Corporation
SP6134H SIPEX-SP6134H Datasheet
141Kb / 14P
   High Voltage, 600 KHz Synchronous PWM Controller
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC2169 MICREL-MIC2169 Datasheet
160Kb / 14P
   500 KHZ PWM SYNCHRONOUS BUCK CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com