Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67120-C769 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q67120-C769
Description  8-Bit CMOS Single-Chip Microcontroller
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C769 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q67120-C769 Datasheet HTML 1Page - Siemens Semiconductor Group Q67120-C769 Datasheet HTML 2Page - Siemens Semiconductor Group Q67120-C769 Datasheet HTML 3Page - Siemens Semiconductor Group Q67120-C769 Datasheet HTML 4Page - Siemens Semiconductor Group Q67120-C769 Datasheet HTML 5Page - Siemens Semiconductor Group Q67120-C769 Datasheet HTML 6Page - Siemens Semiconductor Group Q67120-C769 Datasheet HTML 7Page - Siemens Semiconductor Group Q67120-C769 Datasheet HTML 8Page - Siemens Semiconductor Group Q67120-C769 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
Semiconductor Group
1
1994-05-01
High-Performance
SAB 80C517A/83C517A-5
8-Bit CMOS Single-Chip Microcontroller
Preliminary
SAB 83C517A-5
Microcontroller with factory mask-programmable ROM
SAB 80C517A
Microcontroller for external ROM
l SAB 80C517A/83C517A-5,
l Eight data pointers for external memory
up to 18 MHz operation
addressing
l 32 K × 8 ROM (SAB 83C517A-5 only,
l Seventeen interrupt vectors, four priority
ROM-Protection available)
levels selectable
l 256 × 8 on-chip RAM
l Genuine 10-bit A/D converter with
l 2 K × 8 on-chip RAM (XRAM)
12 multiplexed inputs
l Superset of SAB 80C51 architecture:
l Two full duplex serial interfaces with
– 1
µs instruction cycle time at 12 MHz
programmable Baudrate-Generators
– 666 ns instruction cycle time at 18 MHz
l Fully upward compatible with SAB 80C515,
– 256 directly addressable bits
SAB 80C517, SAB 80C515A
– Boolean processor
l Extended power saving mode
– 64 Kbyte external data and
l Fast Power-On Reset
program memory addressing
l Nine ports: 56 I/O lines, 12 input lines
l Four 16-bit timer/counters
l Three temperature ranges available:
l Powerful 16-bit compare/capture unit
0 to 70 oC (T1)
(CCU) with up to 21 high-speed or PWM
– 40 to 85oC (T3)
output channels and 5 capture inputs
– 40 to 110oC (T4)
l Versatile "fail-safe" provisions
l Plastic packages: P-LCC-84,
l Fast 32-bit division, 16-bit multiplication,
P-MQFP-100-2
32-bit normalize and shift by peripheral
MUL/DIV unit (MDU)
The SAB 80C517A/83C517A-5 is a high-end member of the Siemens SAB 8051 family of
microcontrollers. It is designed in Siemens ACMOS technology and based on SAB 8051
architecture. ACMOS is a technology which combines high-speed and density characteristics
with low-power consumption or dissipation.
While maintaining all the SAB 80C517 features and operating characteristics the
SAB 80C517A is expanded in its "fail-safe" characteristics and timer capabilities.The
SAB 80C517A is identical with the SAB 83C517A-5 except that it lacks the on-chip program
memory. The SAB 80C517A/83C517A-5 is supplied in a 84-pin plastic leaded chip carrier
package (P-LCC-84) and in a 100-pin plastic quad flat package (P-MQFP-100-2).


Similar Part No. - Q67120-C769

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67120-C722 SIEMENS-Q67120-C722 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C723 SIEMENS-Q67120-C723 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C724 SIEMENS-Q67120-C724 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C725 SIEMENS-Q67120-C725 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C74 SIEMENS-Q67120-C74 Datasheet
172Kb / 7P
   application-oriented single-chip microcomputer
More results

Similar Description - Q67120-C769

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com