Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP7102 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP7102
Description  20 V, 300 mA, Low Noise, CMOS LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7102 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP7102 Datasheet HTML 6Page - Analog Devices ADP7102 Datasheet HTML 7Page - Analog Devices ADP7102 Datasheet HTML 8Page - Analog Devices ADP7102 Datasheet HTML 9Page - Analog Devices ADP7102 Datasheet HTML 10Page - Analog Devices ADP7102 Datasheet HTML 11Page - Analog Devices ADP7102 Datasheet HTML 12Page - Analog Devices ADP7102 Datasheet HTML 13Page - Analog Devices ADP7102 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP7102
Data Sheet
Rev. A | Page 10 of 28
VIN (V)
–500
0
500
1000
1500
2000
2500
4.80
4.90
5.00
5.10
5.20
5.30
5.40
LOAD = 5mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
LOAD = 300mA
Figure 23. Ground Current vs. Input Voltage (in Dropout), VOUT = 5 V
1.75
1.77
1.79
1.81
1.83
1.85
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
–40°C
–5°C
25°C
85°C
125°C
TJ (°C)
Figure 24. Output Voltage vs. Junction Temperature, VOUT = 1.8 V
1.75
1.77
1.79
1.81
1.83
1.85
0.1
1
10
100
1000
ILOAD (mA)
Figure 25. Output Voltage vs. Load Current, VOUT = 1.8 V
1.75
1.77
1.79
1.81
1.83
1.85
2
4
6
8
10
12
14
16
18
20
VIN (V)
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
Figure 26. Output Voltage vs. Input Voltage, VOUT = 1.8 V
0
100
200
300
400
500
600
700
800
900
–40°C
–5°C
25°C
85°C
125°C
TJ (°C)
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
Figure 27. Ground Current vs. Junction Temperature, VOUT = 1.8 V
0
100
200
300
400
500
600
700
0.1
1
10
100
1000
ILOAD (mA)
Figure 28. Ground Current vs. Load Current, VOUT = 1.8 V


Similar Part No. - ADP7102

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7104 AD-ADP7104 Datasheet
727Kb / 28P
   20 V, 500 mA, Low Noise, CMOS LDO
REV. B
ADP7104 AD-ADP7104 Datasheet
2Mb / 32P
   EVAL-AD7903SDZ User Guide UG-609
REV. 0
ADP7104ACPZ-1.5-R7 AD-ADP7104ACPZ-1.5-R7 Datasheet
727Kb / 28P
   20 V, 500 mA, Low Noise, CMOS LDO
REV. B
ADP7104ACPZ-1.8-R7 AD-ADP7104ACPZ-1.8-R7 Datasheet
727Kb / 28P
   20 V, 500 mA, Low Noise, CMOS LDO
REV. B
ADP7104ACPZ-2.5-R7 AD-ADP7104ACPZ-2.5-R7 Datasheet
727Kb / 28P
   20 V, 500 mA, Low Noise, CMOS LDO
REV. B
More results

Similar Description - ADP7102

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7104 AD-ADP7104 Datasheet
727Kb / 28P
   20 V, 500 mA, Low Noise, CMOS LDO
REV. B
ADP7118 AD-ADP7118 Datasheet
915Kb / 24P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
logo
Texas Instruments
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V01 Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V02 Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI-LP5910_V03 Datasheet
2Mb / 31P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com