Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR3525 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR3525
Description  Micropower, High Accuracy
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3525 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR3525 Datasheet HTML 3Page - Analog Devices ADR3525 Datasheet HTML 4Page - Analog Devices ADR3525 Datasheet HTML 5Page - Analog Devices ADR3525 Datasheet HTML 6Page - Analog Devices ADR3525 Datasheet HTML 7Page - Analog Devices ADR3525 Datasheet HTML 8Page - Analog Devices ADR3525 Datasheet HTML 9Page - Analog Devices ADR3525 Datasheet HTML 10Page - Analog Devices ADR3525 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADR3525/ADR3530/ADR3533/ADR3540/ADR3550
Rev. 0 | Page 7 of 20
ADR3550 ELECTRICAL CHARACTERISTICS
VIN = 5.2 V to 5.5 V, TA = 25°C, ILOAD = 0 mA, unless otherwise noted.
Table 6.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
4.995
5.000
5.005
V
INITIAL OUTPUT VOLTAGE ERROR
VOERR
±0.1
%
±5.0
mV
TEMPERATURE COEFFICIENT
TCVOUT
−40°C ≤ TA ≤ +125°C
A Grade
2.5
8
ppm/°C
B Grade
2.5
5
ppm/°C
LINE REGULATION
ΔVOUT/ΔVIN
VIN = 5.2 V to 5.5 V
3
50
ppm/V
VIN = 5.2 V to 5.5 V, −40°C ≤ TA ≤ +125°C
120
ppm/V
LOAD REGULATION
ΔVOUT/ΔIL
Sourcing
IL = 0 mA to 10 mA,
VIN = 5.5 V, −40°C ≤ TA ≤ +125°C
3
30
ppm/mA
Sinking
IL = 0 mA to −3 mA,
VIN = 5.5 V, −40°C ≤ TA ≤ +125°C
19
50
ppm/mA
OUTPUT CURRENT CAPACITY
IL
Sourcing
VIN = 5.5 V
10
mA
Sinking
VIN = 5.5 V
−3
mA
QUIESCENT CURRENT
IQ
Normal Operation
ENABLE > VIN × 0.85
85
μA
ENABLE = VIN, −40°C ≤ TA ≤ +125°C
100
μA
Shutdown
ENABLE < 0.7 V
5
μA
DROPOUT VOLTAGE1
VDO
IL = 0 mA, −40°C ≤ TA ≤ +125°C
50
200
mV
IL = 2 mA, −40°C ≤ TA ≤ +125°C
75
250
mV
ENABLE PIN
Shutdown Voltage
VL
0
0.7
V
ENABLE Voltage
VH
VIN × 0.85
VIN
V
ENABLE Pin Leakage Current
IEN
ENABLE = VIN, −40°C ≤ TA ≤ +125°C
0.85
3
μA
OUTPUT VOLTAGE NOISE
en p-p
f = 0.1 Hz to 10 Hz
35
μV p-p
f = 10 Hz to 10 kHz
60
μV rms
OUTPUT VOLTAGE NOISE DENSITY
en
f = 1 kHz
1.5
μV/√Hz
OUTPUT VOLTAGE HYSTERESIS2
ΔVOUT_HYS
TA = +25°C to −40°C to +125°C to +25°C
70
ppm
RIPPLE REJECTION RATIO
RRR
fIN = 60 Hz
−58
dB
LONG-TERM OUTPUT VOLTAGE DRIFT
ΔVOUT_LTD
1000 hours at 50°C
30
ppm
TURN-ON SETTLING TIME
tR
CIN = 0.1 μF, CL = 0.1 μF, RL = 1 kΩ
900
μs
1 Refers to the minimum difference between VIN and VOUT such that VOUT maintains a minimum accuracy of 0.1%. See the Termin
section.
ology
Terminology
2 See the
section. The part is placed through the temperature cycle in the order of temperatures shown.


Similar Part No. - ADR3525

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3512 AD-ADR3512 Datasheet
807Kb / 16P
   Micropower, High Accuracy Voltage Reference
ADR3512WCRMZ-R7 AD-ADR3512WCRMZ-R7 Datasheet
807Kb / 16P
   Micropower, High Accuracy Voltage Reference
More results

Similar Description - ADR3525

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
ADR3512 AD-ADR3512 Datasheet
807Kb / 16P
   Micropower, High Accuracy Voltage Reference
ADR3425 AD-ADR3425 Datasheet
1Mb / 20P
   Micropower, High Accuracy Voltage References
Rev. 0
logo
Diodes Incorporated
AH8503 DIODES-AH8503 Datasheet
847Kb / 19P
   HIGH ACCURACY MICROPOWER LINEAR HALL EFFECT SENSOR
AH8501 DIODES-AH8501 Datasheet
858Kb / 19P
   HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
logo
STMicroelectronics
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
   Very high accuracy zero drift micropower 5 V operational amplifiers
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
   High-accuracy measurement
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
   High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
   High accuracy detection
logo
MKS Instruments.
690A MKS-690A Datasheet
225Kb / 4P
   High Accuracy Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com