Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XFL4020-102ME Datasheet(PDF) 6 Page - Analog Devices

Part # XFL4020-102ME
Description  Micro PMU with 1.2 A Buck Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

XFL4020-102ME Datasheet(HTML) 6 Page - Analog Devices

Back Button XFL4020-102ME Datasheet HTML 2Page - Analog Devices XFL4020-102ME Datasheet HTML 3Page - Analog Devices XFL4020-102ME Datasheet HTML 4Page - Analog Devices XFL4020-102ME Datasheet HTML 5Page - Analog Devices XFL4020-102ME Datasheet HTML 6Page - Analog Devices XFL4020-102ME Datasheet HTML 7Page - Analog Devices XFL4020-102ME Datasheet HTML 8Page - Analog Devices XFL4020-102ME Datasheet HTML 9Page - Analog Devices XFL4020-102ME Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADP5040
Data Sheet
Rev. 0 | Page 6 of 40
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
AVIN to AGND
−0.3 V to +6 V
VIN1 to AVIN
−0.3 V to +0.3 V
PGND to AGDN
−0.3 V to +0.3 V
VIN2, VIN3, VOUTx, ENx, MODE, FBx, SW to
AGND
−0.3 V to (AVIN + 0.3 V)
SW to PGND
−0.3 V to (VIN1 + 0.3 V)
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
−40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
ESD Human Body Model
3000 V
ESD Charged Device Model
1500 V
ESD Machine Model
200 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
20-Lead, 0.5 mm pitch LFCSP
38
4.2
°C/W
ESD CAUTION


Similar Part No. - XFL4020-102ME

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XFL4020-102ME COILCRAFT-XFL4020-102ME Datasheet
198Kb / 2P
   Shielded Power Inductors
logo
Analog Devices
XFL4020-102ME AD-XFL4020-102ME Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
XFL4020-102ME AD-XFL4020-102ME Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
logo
Coilcraft lnc.
XFL4020-102ME COILCRAFT-XFL4020-102ME Datasheet
194Kb / 2P
   Shielded Power Inductors
logo
International Rectifier
XFL4020-102ME IRF-XFL4020-102ME Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
More results

Similar Description - XFL4020-102ME

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5003 AD-ADP5003 Datasheet
1,013Kb / 31P
   Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
Rev. A
ADP5041 AD-ADP5041 Datasheet
4Mb / 40P
   Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
Rev. B
logo
Alpha & Omega Semicondu...
AOZ1280CI AOSMD-AOZ1280CI Datasheet
656Kb / 13P
   EZBuck??1.2 A Simple Buck Regulator
AOZ1280 AOSMD-AOZ1280 Datasheet
1Mb / 13P
   EZBuck™ 1.2 A Simple Buck Regulator
Rev. 1.1 August 2011
logo
ON Semiconductor
NCV890130 ONSEMI-NCV890130 Datasheet
179Kb / 15P
   1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890130MWTXG ONSEMI-NCV890130MWTXG Datasheet
179Kb / 15P
   1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890100 ONSEMI-NCV890100_V01 Datasheet
250Kb / 19P
   Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
NCV890131 ONSEMI-NCV890131 Datasheet
157Kb / 19P
   1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
logo
SHANGHAI BELLING CO., L...
BL8087 BELLING-BL8087 Datasheet
695Kb / 6P
   PMU with a Synchronous 1A Buck and a CMOS 500mA LDO
logo
Analog Devices
ADP5042 AD-ADP5042 Datasheet
1Mb / 32P
   Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com