Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR3533 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR3533
Description  Micropower, High Accuracy
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3533 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR3533 Datasheet HTML 6Page - Analog Devices ADR3533 Datasheet HTML 7Page - Analog Devices ADR3533 Datasheet HTML 8Page - Analog Devices ADR3533 Datasheet HTML 9Page - Analog Devices ADR3533 Datasheet HTML 10Page - Analog Devices ADR3533 Datasheet HTML 11Page - Analog Devices ADR3533 Datasheet HTML 12Page - Analog Devices ADR3533 Datasheet HTML 13Page - Analog Devices ADR3533 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADR3525/ADR3530/ADR3533/ADR3540/ADR3550
Data Sheet
Rev. 0 | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
2.4990
2.4992
2.4994
2.4996
2.4998
2.5000
2.5002
2.5004
2.5006
2.5008
2.5010
–40
–25 –10
5
20
35
50
65
80
95
110
125
TEMPERATURE (ºC)
VIN = 5.5V
Figure 3. ADR3525 Output Voltage vs. Temperature
0
5
10
15
20
25
30
35
40
01
23
45
67
89
10
11
TEMPERATURE COEFFICIENT (ppm/°C)
Figure 4. ADR3525 Temperature Coefficient Distribution
0
2
4
6
8
10
12
14
16
18
20
22
24
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
IL = 0mA TO 10mA
SOURCING
ADR3525
ADR3530
ADR3533
ADR3540
ADR3550
Figure 5. Load Regulation vs. Temperature (Sourcing)
4.9975
4.9980
4.9985
4.9990
4.9995
5.0000
5.0005
5.0010
5.0015
5.0020
5.0025
–40
–25 –10
5
20
35
50
65
80
95
110
125
TEMPERATURE (ºC)
VIN = 5.5V
Figure 6. ADR3550 Output Voltage vs. Temperature
0
5
10
15
20
25
30
40
35
45
0123
456
789
10
11
TEMPERATURE COEFFICIENT (ppm/°C)
Figure 7. ADR3550 Temperature Coefficient Distribution
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
IL = 0mA TO –3mA
SINKING
ADR3525
ADR3530
ADR3533
ADR3540
ADR3550
5
10
15
20
25
30
35
Figure 8. Load Regulation vs. Temperature (Sinking)


Similar Part No. - ADR3533

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3512 AD-ADR3512 Datasheet
807Kb / 16P
   Micropower, High Accuracy Voltage Reference
ADR3512WCRMZ-R7 AD-ADR3512WCRMZ-R7 Datasheet
807Kb / 16P
   Micropower, High Accuracy Voltage Reference
More results

Similar Description - ADR3533

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
ADR3512 AD-ADR3512 Datasheet
807Kb / 16P
   Micropower, High Accuracy Voltage Reference
ADR3425 AD-ADR3425 Datasheet
1Mb / 20P
   Micropower, High Accuracy Voltage References
Rev. 0
logo
Diodes Incorporated
AH8503 DIODES-AH8503 Datasheet
847Kb / 19P
   HIGH ACCURACY MICROPOWER LINEAR HALL EFFECT SENSOR
AH8501 DIODES-AH8501 Datasheet
858Kb / 19P
   HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
logo
STMicroelectronics
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
   Very high accuracy zero drift micropower 5 V operational amplifiers
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
   High-accuracy measurement
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
   High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
   High accuracy detection
logo
MKS Instruments.
690A MKS-690A Datasheet
225Kb / 4P
   High Accuracy Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com