Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67120-C850 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # Q67120-C850
Description  16-Bit CMOS Single-Chip Microcontrollers with/without oscillator prescaler with 32 KByte Flash EPROM
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C850 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button Q67120-C850 Datasheet HTML 7Page - Siemens Semiconductor Group Q67120-C850 Datasheet HTML 8Page - Siemens Semiconductor Group Q67120-C850 Datasheet HTML 9Page - Siemens Semiconductor Group Q67120-C850 Datasheet HTML 10Page - Siemens Semiconductor Group Q67120-C850 Datasheet HTML 11Page - Siemens Semiconductor Group Q67120-C850 Datasheet HTML 12Page - Siemens Semiconductor Group Q67120-C850 Datasheet HTML 13Page - Siemens Semiconductor Group Q67120-C850 Datasheet HTML 14Page - Siemens Semiconductor Group Q67120-C850 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
SAB 88C166(W)
Semiconductor Group
10
FCR (FFA0H / D0H)
SFR
Reset Value: 00X0H
*)
*) The reset value of bit VPPREV depends on the voltage on pin V
PP.
Note: The FCR is no real register but is rather virtually mapped into the active address space of the
Flash memory while the Flash writing mode is active. In writing mode all direct (mem)
accesses refer to the FCR, while all indirect ([Rwn]) accesses refer to the Flash memory
array itself.
Bit
Function
FWE
Flash Write Enable Bit (see description below)
0 :
Flash write operations (program / erase) disabled
1 :
Flash write operations (program / erase) enabled
FEE
Flash Erase Enable Bit (Significant only, when FWE = ’1’, see description below)
0 :
Flash programming mode selected
1 :
Flash erase mode selected
FBUSY
RPROT
Flash Busy Bit (On read accesses)
0 :
No Flash write operation in progress
1 :
Flash write operation in progress
Flash Read Protection Activation Bit (On write accesses)
0 :
Deactivates Flash read protection
1 :
Activates Flash read protection, if this is enabled
FCVPP
Flash Control VPP Bit
0 :
No VPP failure occurred during a Flash write operation
1 :
VPP failure occurred during a Flash write operation
VPPREV
Flash VPP Revelation Bit
0 :
No valid VPP applied to pin VPP
1 :
VPP applied to pin VPP is valid
CKCTL
Internal Flash Timer Clock Control
Determines the width of an internal Flash write or erase pulse
WDWW
Word / Double Word Writing Bit (significant only in programming mode)
0 :
16-bit programming operation
1 :
32-bit programming operation
BE
Bank Erase Select (significant only in erasing mode)
Selects the Flash Bank to be erased
FWMSET
Flash Writing Mode Set Bit (see description below)
0 :
Exit Flash writing mode, return to standard mode
1 :
Stay in Flash writing mode
rw
FEE
FWM
SET
rw
-
rw
-
rw
-
rw
-
rw
-
FWE
5
4
3
2
1
0
11
10
9
8
7
6
15
14
13
12
rw
rw
r
rw
rw
r/w
rw
VPP
REV
FC
VPP
FBUSY
RPROT
rw
CKCTL
WDW
W
BE


Similar Part No. - Q67120-C850

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67120-C0508 SIEMENS-Q67120-C0508 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C0509 SIEMENS-Q67120-C0509 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C0510 SIEMENS-Q67120-C0510 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C0562 SIEMENS-Q67120-C0562 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C0581 SIEMENS-Q67120-C0581 Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
More results

Similar Description - Q67120-C850

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F_1 Datasheet
857Kb / 63P
   16-Bit CMOS Single-Chip Microcontroller with 128 KByte Flash EPROM
C167CR-16F SIEMENS-C167CR-16F Datasheet
3Mb / 62P
   16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
logo
NXP Semiconductors
89C535 PHILIPS-89C535 Datasheet
221Kb / 35P
   CMOS single-chip 8-bit microcontrollers with FLASH program memory
1997 June 05
LPC2157 NXP-LPC2157_09 Datasheet
233Kb / 45P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
Rev. 02-9 February 2009
LPC2157 PHILIPS-LPC2157 Datasheet
219Kb / 45P
   Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
Rev. 02-9 February 2009
LPC2157 NXP-LPC2157 Datasheet
217Kb / 45P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
Rev. 01-15 October 2008
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NXP Semiconductors
LPC2104 PHILIPS-LPC2104_15 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2104 NXP-LPC2104 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2106BBD48.151 NXP-LPC2106BBD48.151 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com